Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM311D Datasheet(PDF) 3 Page - ON Semiconductor

Part # LM311D
Description  Single Comparators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM311D Datasheet(HTML) 3 Page - ON Semiconductor

  LM311D Datasheet HTML 1Page - ON Semiconductor LM311D Datasheet HTML 2Page - ON Semiconductor LM311D Datasheet HTML 3Page - ON Semiconductor LM311D Datasheet HTML 4Page - ON Semiconductor LM311D Datasheet HTML 5Page - ON Semiconductor LM311D Datasheet HTML 6Page - ON Semiconductor LM311D Datasheet HTML 7Page - ON Semiconductor LM311D Datasheet HTML 8Page - ON Semiconductor LM311D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LM211, LM311
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VCC = +15 V, VEE = −15 V, TA = 25°C, unless otherwise noted) Note 1
Characteristic
Symbol
LM211
LM311
Unit
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage (Note 3)
VIO
mV
RS ≤ 50 kW, TA = +25°C
0.7
3.0
2.0
7.5
RS ≤ 50 kW, Tlow ≤ TA ≤ Thigh*
4.0
10
Input Offset Current (Note 3) TA = +25°C
IIO
1.7
10
1.7
50
nA
Tlow ≤ TA ≤ Thigh*
20
70
Input Bias Current TA = +25°C
IIB
45
100
45
250
nA
Tlow ≤ TA ≤ Thigh*
150
300
Voltage Gain
AV
40
200
40
200
V/mV
Response Time (Note 4)
200
200
ns
Saturation Voltage
VOL
V
VID ≤ −5.0 mV, IO = 50 mA, TA = 25°C
0.75
1.5
VID ≤−10 mV, IO = 50 mA, TA = 25°C
0.75
1.5
VCC ≥ 4.5 V, VEE = 0, Tlow ≤ TA ≤ Thigh*
VID 6≤6.0 mV, Isink ≤ 8.0 mA
0.23
0.4
VID 6≤10 mV, Isink ≤ 8.0 mA
0.23
0.4
Strobe ”On” Current (Note 5)
IS
3.0
3.0
mA
Output Leakage Current
VID ≥ 5.0 mV, VO= 35 V, TA = 25°C, Istrobe= 3.0 mA
0.2
10
nA
VID ≥ 10 mV, VO= 35 V, TA = 25°C, Istrobe= 3.0 mA
0.2
50
nA
VID ≥ 5.0 mV, VO= 35 V, Tlow ≤ TA ≤ Thigh*
0.1
0.5
mA
Input Voltage Range (Tlow ≤ TA ≤ Thigh*)
VICR
−14.5
−14.7
to
13.8
+13.0
−14.5
−14.7
to
13.8
+13.0
V
Positive Supply Current
ICC
+2.4
+6.0
+2.4
+7.5
mA
Negative Supply Current
IEE
−1.3
−5.0
−1.3
−5.0
mA
* LM211: Tlow = −25°C, Thigh = +85°C
LM311: Tlow = 0°C, Thigh = +70°C
1. Offset voltage, offset current and bias current specifications apply for a supply voltage range from a single 5.0 V supply up to
±15 V supplies.
2. This rating applies for
±15 V supplies. The positive input voltage limit is 30 V above the negative supply. The negative input voltage limit is
equal to the negative supply voltage or 30 V below the positive supply, whichever is less.
3. The offset voltages and offset currents given are the maximum values required to drive the output within a volt of either supply with a 1.0 mA
load. Thus, these parameters define an error band and take into account the “worst case” effects of voltage gain and input impedance.
4. The response time specified is for a 100 mV input step with 5.0 mV overdrive.
5. Do not short the strobe pin to ground; it should be current driven at 3.0 mA to 5.0 mA.
Figure 2. Circuit Schematic
8
7
1
4
VEE
GND
Output
VCC
5.0k
200
600
3.0k
300
900
800
5.4k
1.3k
250
800
800
100
3.7k
730
340
3.7k
300
5
6
300
2
3
Inputs
1.3k
1.3k
1.3k
Balance
Balance/Strobe


Similar Part No. - LM311D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM311D ONSEMI-LM311D Datasheet
174Kb / 8P
   HIGH PERFORMANCE VOLTAGE COMPARATORS
1996 Rev 5
logo
NXP Semiconductors
LM311D PHILIPS-LM311D Datasheet
71Kb / 4P
   Voltage comparator
August 31, 1994
logo
STMicroelectronics
LM311D STMICROELECTRONICS-LM311D Datasheet
236Kb / 14P
   Voltage comparator with strobe
logo
NXP Semiconductors
LM311D PHILIPS-LM311D Datasheet
86Kb / 8P
   Voltage comparator
2003 Sep 30
logo
Texas Instruments
LM311D TI-LM311D Datasheet
506Kb / 25P
[Old version datasheet]   DIFFERENTIAL COMPARATORS WITH STROBES
More results

Similar Description - LM311D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM211 ONSEMI-LM211_12 Datasheet
147Kb / 9P
   Single Comparators
August, 2012 ??Rev. 6
logo
Texas Instruments
TLV1391 TI-TLV1391_03 Datasheet
185Kb / 9P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8612 AD-AD8612_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI-TLV1391_V01 Datasheet
897Kb / 14P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_15 Datasheet
414Kb / 20P
   Single-Supply Comparators
REV. A
logo
Texas Instruments
TLV1391 TI1-TLV1391_15 Datasheet
764Kb / 13P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
TLV1391 TI-TLV1391 Datasheet
147Kb / 10P
[Old version datasheet]   SINGLE DIFFERENTIAL COMPARATORS
logo
Analog Devices
AD8611 AD-AD8611_16 Datasheet
316Kb / 20P
   Single-Supply Comparators
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
   Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
   Quad Single Supply Comparators
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com