Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VCC4-A3D-50M000 Datasheet(PDF) 9 Page - Vectron International, Inc

Part # VCC4-A3D-50M000
Description  1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC4-A3D-50M000 Datasheet(HTML) 9 Page - Vectron International, Inc

  VCC4-A3D-50M000 Datasheet HTML 1Page - Vectron International, Inc VCC4-A3D-50M000 Datasheet HTML 2Page - Vectron International, Inc VCC4-A3D-50M000 Datasheet HTML 3Page - Vectron International, Inc VCC4-A3D-50M000 Datasheet HTML 4Page - Vectron International, Inc VCC4-A3D-50M000 Datasheet HTML 5Page - Vectron International, Inc VCC4-A3D-50M000 Datasheet HTML 6Page - Vectron International, Inc VCC4-A3D-50M000 Datasheet HTML 7Page - Vectron International, Inc VCC4-A3D-50M000 Datasheet HTML 8Page - Vectron International, Inc VCC4-A3D-50M000 Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
VCC4 Data Sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail vectron@vectron.com
9
Table 11. Standard Frequency List
9.8304
10.000
11.0596
11.0590
11.2896
12.000
12.272
12.288
12.353
13.000
13.500
13.560
14.318
14.745
16.000
16.376
16.384
16.777216
16.800
17.734
17.734475
18.432
19.440
19.660
19.800
20.000
20.480
22.000
22.5792
24.000
24.5453
24.576
25.000
26.000
27.000
27.120
28.636
28.375
30.000
32.000
32.768
33.000
33.333
34.368
36.000
37.056
37.500
40.000
44.000
44.736
48.000
49.090
50.000
54.000
60.000
66.000
75.000
100.00
106.250
125.000
Ordering Information
VCC4 -
-
Product Family
Output Frequency
Crystal Oscillator
In MHZ
Voltage Options
A: +5.0 Vdc +/-10% , 15pF
B: +3.3 Vdc +/-10%, 15pF
C: +3.0 Vdc +/-10%, 15pF
E: +5.0 Vdc +/-10%, 50pF
F: +3.3Vdc +/-10%, 50pF
G: +2.5Vdc +/-10%, 15pF
H: +1.8Vdc +/-10%, 15pF
Electrical Options
3: Tristate, 45/55% Duty
The following codes are not
recommended for new designs
0: No tristate, 40/60% Duty
1: Tristate, 40/60% Duty
2: No tristate, 45/55%Duty
5: Enable, 40/60% Duty
6: Enable, 45/55% Duty
Stability Options
A: ±100ppm -10 to 70°C
C: ±100ppm -40 to 85°C
B: ±50ppm -10 to 70°C
D: ±50ppm -40 to 85°C
E: ±25ppm -10 to 70°C
F: ±25ppm -40 to 85°C
Note: Not all combinations are available.
Tristate with a 45/55% is the most common Electrical code and is recommended for most applications.
www.vectron.com
February14, 2006
For Additional Information, Please Contact:
USA: Vectron International
• 267 Lowell Road, Hudson, NH 03051
• Tel: 1-88-VECTRON-1 • Fax: 1-888-FAX-VECTRON
EUROPE: Landstrasse, D-74924, Neckarbischofsheim, Germany
Tel: 49 (0) 7268 8010
• Fax: 49 (0) 7268 801281
ASIA: Vectron Asia Pacific Sales 1F~2F. No.8 Workshop No.308 Fenju Rd.,
WaiGaoQiao Free Trade Zone, Pudong New Area Shanghai, China 200131
•Tel: 8621 50480777 • Fax: 8621 50481881
B
3
B
50M000


Similar Part No. - VCC4-A3D-50M000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC4 VECTRON-VCC4 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
More results

Similar Description - VCC4-A3D-50M000

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VCC4 VECTRON-VCC4_10 Datasheet
122Kb / 9P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
List of Unclassifed Man...
VCC1-A3A ETC1-VCC1-A3A Datasheet
202Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
logo
Vectron International, ...
VCC1 VECTRON-VCC1 Datasheet
179Kb / 10P
   1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
VCS3 VECTRON-VCS3_11 Datasheet
120Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCS3 VECTRON-VCS3 Datasheet
96Kb / 7P
   1.8, 2.5, 3.3 volt CMOS Oscillator
VCB1 VECTRON-VCB1_06 Datasheet
538Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
VCA1 VECTRON-VCA1 Datasheet
92Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
CCFCCA-25M125 VECTRON-CCFCCA-25M125 Datasheet
183Kb / 7P
   3.3, 5.0 volt CMOS Oscillator
VCE1 VECTRON-VCE1 Datasheet
109Kb / 5P
   3.3, 5.0 volt CMOS Oscillator
VCA3 VECTRON-VCA3 Datasheet
115Kb / 6P
   3.3, 5.0 volt CMOS Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com