Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM317MADTRK Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM317MADTRK
Description  500 mA Adjustable Output, Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MADTRK Datasheet(HTML) 5 Page - ON Semiconductor

  LM317MADTRK Datasheet HTML 1Page - ON Semiconductor LM317MADTRK Datasheet HTML 2Page - ON Semiconductor LM317MADTRK Datasheet HTML 3Page - ON Semiconductor LM317MADTRK Datasheet HTML 4Page - ON Semiconductor LM317MADTRK Datasheet HTML 5Page - ON Semiconductor LM317MADTRK Datasheet HTML 6Page - ON Semiconductor LM317MADTRK Datasheet HTML 7Page - ON Semiconductor LM317MADTRK Datasheet HTML 8Page - ON Semiconductor LM317MADTRK Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LM317M
http://onsemi.com
5
*Pulse Testing Required:
1% Duty Cycle is suggested.
Load Regulation (mV) = VO (min Load) −VO (max Load)
Load Regulation (% VO) =
VO (min Load) − VO (max Load)
X 100
VO (min Load)
VO (max Load)
LM317M
Cin
0.1
mF
Adjust
R2
1%
CO
1.0
mF
+
*
RL
(max Load)
RL
(min Load)
Vout
R1
240
1%
Vin
Vin
IAdj
IL
Figure 4. Load Regulation and
DIAdj/Load Test Circuit
VO (min Load)
*Pulse Testing Required:
1% Duty Cycle is suggested.
LM317M
Vin
Vout
Adjust
R1
240
1%
+
1
mF
CO
RL
Cin
R2
1%
To Calculate R2:
Vout = ISET R2 + 1.250 V
Assume ISET = 5.25 mA
IL
IAdj
ISET
Vref
VO
VI
0.1
mF
Figure 5. Standard Test Circuit
LM317M
Vin
Vout
Vout = 10 V
RL
Cin
0.1
mF
Adjust
R1
240
1%
D1 *
1N4002
CO
+
1.0
mF
24V
14V
R2
1.65K
1%
CAdj
10
mF
+
*D1 Discharges CAdj if Output is Shorted to Ground.
**CAdj provides an AC ground to the adjust pin.
f = 120 Hz
VO
**
Figure 6. Ripple Rejection Test Circuit


Similar Part No. - LM317MADTRK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317MADTRK ONSEMI-LM317MADTRK Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317MADTRK ONSEMI-LM317MADTRK Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317MADTRKG ONSEMI-LM317MADTRKG Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
More results

Similar Description - LM317MADTRK

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com