Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2576T-ADJ Datasheet(PDF) 22 Page - ON Semiconductor

Part # LM2576T-ADJ
Description  3.0 A, 15 V, Step?묭own Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576T-ADJ Datasheet(HTML) 22 Page - ON Semiconductor

Back Button LM2576T-ADJ Datasheet HTML 18Page - ON Semiconductor LM2576T-ADJ Datasheet HTML 19Page - ON Semiconductor LM2576T-ADJ Datasheet HTML 20Page - ON Semiconductor LM2576T-ADJ Datasheet HTML 21Page - ON Semiconductor LM2576T-ADJ Datasheet HTML 22Page - ON Semiconductor LM2576T-ADJ Datasheet HTML 23Page - ON Semiconductor LM2576T-ADJ Datasheet HTML 24Page - ON Semiconductor LM2576T-ADJ Datasheet HTML 25Page - ON Semiconductor LM2576T-ADJ Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
LM2576
http://onsemi.com
22
THE LM2576−5 STEP−DOWN VOLTAGE REGULATOR WITH 5.0 V @ 3.0 A OUTPUT POWER CAPABILITY.
TYPICAL APPLICATION WITH THROUGH−HOLE PC BOARD LAYOUT
Figure 35. Schematic Diagram of the LM2576−5 Step−Down Converter
D1
1N5822
L1
150
mH
Output
2
4
Feedback
Unregulated
DC Input
+Vin = 7.0 to 40 V
Cout
1000
mF
/16 V
C1
100
mF
/50 V
LM2576−5
1
5
3ON/OFF
GN
D
+Vin
ON/OFF
Regulated Output
Vout1 = 5.0 V @ 3.0 A
GNDin
GNDout
C1
100
mF, 50 V, Aluminium Electrolytic
C2
1000
mF, 16 V, Aluminium Electrolytic
D1
3.0 A, 40 V, Schottky Rectifier, 1N5822
L1
150
mH, RL2444, Renco Electronics
Figure 36. Printed Circuit Board Layout
Component Side
Figure 37. Printed Circuit Board Layout
Copper Side
LM2576
U1
D1
C1
C2
L1
+
+
Vou
t
GNDout
GND-
in
+Vin
ON/OFF
NOTE: Not to scale.
NOTE: Not to scale.


Similar Part No. - LM2576T-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2576T-ADJ NSC-LM2576T-ADJ Datasheet
572Kb / 14P
   Simple Switcher??3 Amp Step-Down Voltage Regulator
logo
Texas Instruments
LM2576T-ADJ TI-LM2576T-ADJ Datasheet
4Mb / 46P
[Old version datasheet]   LM2576xx Series SIMPLE SWITCHER® Power Converter 3-A Step-Down Voltage Regulator
REVISED MARCH 2023
logo
National Semiconductor ...
LM2576T-ADJ NSC-LM2576T-ADJ Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
ON Semiconductor
LM2576T-ADJ ONSEMI-LM2576T-ADJ Datasheet
417Kb / 26P
   EASY SWITCHER 3.0 A STEP.DOWN VOLTAGE REGULATOR
June, 2004 ??Rev. 5
logo
Motorola, Inc
LM2576T-ADJ MOTOROLA-LM2576T-ADJ Datasheet
287Kb / 28P
   Easy Switcher 3.0A Step-Down Voltage Regulator
More results

Similar Description - LM2576T-ADJ

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com