Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2168DSTRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRS2168DSTRPBF
Description  ADVANCED PFC BALLAST CONTROL IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2168DSTRPBF Datasheet(HTML) 3 Page - International Rectifier

  IRS2168DSTRPBF Datasheet HTML 1Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 2Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 3Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 4Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 5Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 6Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 7Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 8Page - International Rectifier IRS2168DSTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
IRS2168D(S)PbF
www.irf.com
Page 3
Recommended Operating Conditions
For proper operation the device should be used within the recommended conditions.
Symbol
Definition
Min.
Max.
Units
V
B-VS
High-side floating supply voltage
V
BSUV+
V
CLAMP
V
S
Steady state high-side floating supply offset voltage
-1
600
V
CC
Supply voltage
V
CCUV+
V
CLAMP
V
I
CC
V
CC supply current
Note 2
10
I
SD/EOL
SD/EOL pin current
I
CS
CS pin current
I
OC
OC pin current
I
ZX
ZX pin current
-1
1
mA
V
VCO
VCO pin voltage
0
5
V
R
FMIN
FMIN pin programming resistor
10
300
k
T
J
Junction temperature
-25
125
ºC
Note 2: Enough current should be supplied into the VCC pin to keep the internal 15.6 V Zener clamp diode on this pin
regulated at its voltage, V
CLAMP.
Electrical Characteristics
V
CC = VBS = VBIAS=14 V +/- 0.25 V, CLO = CHO = CPFC = 1000 pF, RFMIN = 42.2 kΩ, RPH = N/C, VCPH = VVCO = 0 V,
V
SD/EOL = V COMP = VCS = VOC = VBUS = VZX = 0 V, TA=25
oC unless otherwise specified.
Symbol
Definition
Min
Typ Max
Units
Test Conditions
Supply Characteristics
V
CCUV+
V
CC supply undervoltage positive going
threshold
11.5
12.5
13.5
V
CC rising from 0 V
V
CCUV-
V
CC supply undervoltage negative going
threshold
9.5
10.5
11.5
V
CC falling from 14 V
V
UVHYS
V
CC supply undervoltage lockout hysteresis
1.5
2.0
3.0
V
I
QCCUV
UVLO mode V
CC quiescent current
---
220
320
µA
V
CC = 8 V
IQCCFLT
VCC quiescent current in fault mode
---
0.4
---
MODE=FAULT
I
CCRUN
Run mode V
CC supply current
---
5.5
7.2
mA
MODE = RUN
VBUS=4 V
CSD/EOL=1 nF
PFC off time = 5 µs
V
CLAMP
V
CC
Zener clamp voltage
14.6
15.6
16.6
V
I
CC = 10 mA
Floating Supply Characteristics
I
BS
V
BS supply current
---
0.9
1.3
mA
MODE=PREHEAT
V
BSUV+
V
BS supply undervoltage positive going
threshold
8.0
9.0
10.0
V
BS rising from 0 V
V
BSUV-
V
BS supply undervoltage negative going
threshold
7.0
8.0
9.0
V
V
BS falling from 14 V
I
LKVS
V
S offset supply leakage current
---
---
50
µA
V
B = VS = 600 V


Similar Part No. - IRS2168DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2168D IRF-IRS2168D Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2168D IRF-IRS2168D Datasheet
331Kb / 21P
   IRPLLNR5 Wide Range Input Linear Fluorescent Ballast
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
More results

Similar Description - IRS2168DSTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2168D IRF-IRS2168D_15 Datasheet
317Kb / 21P
   ADVANCED PFC BALLAST CONTROL IC
IRS2166DSPBF IRF-IRS2166DSPBF Datasheet
501Kb / 20P
   PFC BALLAST CONTROL IC
IR2166STRPBF IRF-IR2166STRPBF Datasheet
620Kb / 33P
   PFC & BALLAST CONTROL IC
IR2166SPBF IRF-IR2166SPBF Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
logo
Fairchild Semiconductor
FAN7535 FAIRCHILD-FAN7535 Datasheet
465Kb / 12P
   PFC & Ballast Control IC
logo
International Rectifier
IR2166 IRF-IR2166_15 Datasheet
623Kb / 32P
   PFC & BALLAST CONTROL IC
IRP2166 IRF-IRP2166 Datasheet
616Kb / 32P
   PFC & BALLAST CONTROL IC
IR2166 IRF-IR2166 Datasheet
371Kb / 29P
   PFC & BALLAST CONTROL IC
IR2167 IRF-IR2167 Datasheet
937Kb / 30P
   PFC BALLAST CONTROL IC
IRS2166D IRF-IRS2166D_15 Datasheet
595Kb / 18P
   PFC BALLAST CONTROL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com