Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2132PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRS2132PBF
Description  3-PHASE BRIDGE DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2132PBF Datasheet(HTML) 4 Page - International Rectifier

  IRS2132PBF Datasheet HTML 1Page - International Rectifier IRS2132PBF Datasheet HTML 2Page - International Rectifier IRS2132PBF Datasheet HTML 3Page - International Rectifier IRS2132PBF Datasheet HTML 4Page - International Rectifier IRS2132PBF Datasheet HTML 5Page - International Rectifier IRS2132PBF Datasheet HTML 6Page - International Rectifier IRS2132PBF Datasheet HTML 7Page - International Rectifier IRS2132PBF Datasheet HTML 8Page - International Rectifier IRS2132PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.irf.com
4
IRS2130/IRS21303/IRS2132 (J&S)PbF
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15 V, VSO1,2,3 = VSS and TA = 25 °C unless otherwise specified. The VIN, VTH, and IIN parameters
are referenced to VSS and are applicable to all six logic input leads: HIN1,2,3 & LIN1,2,3. The VO and IO parameters are
referenced to VSO1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VIH
Logic “0” input voltage (OUT = LO)
2.2
VIL
Logic “1” input voltage (OUT = HI)
0.8
V
VIT,TH+
ITRIP input positive going threshold
400
490
580
mV
VOH
High level output voltage, VBIAS - VO
1
V
VIN = 0 V, Io= 20 mA
VOL
Low level output voltage, VO
400
mV
VIN = 5 V, Io= 20 mA
ILK
Offset supply leakage current
50
VB = VS = 600 V
IQBS
Quiescent VBS supply current
30
70
µA
IQCC
Quiescent VCC supply current
3
5
mA
IIN+
Logic “1” input bias current (OUT = HI)
300
400
VIN = 0 V
IIN-
Logic “0” input bias current (OUT = LO)
220
300
VIN = 5 V
IITRIP+
“High” ITRIP bias current
5
10
µA
ITRIP = 5 V
IITRIP-
“Low” ITRIP bias current
100
nA
ITRIP = 0 V
IRS213(0,2)
7.5
8.35
9.2
VBSUV+
VBS supply undervoltage
positive going threshold
IRS21303
11
13
IRS213(0,2)
7.1
7.95
8.8
VBSUV-
VBS supply undervoltage
negative going threshold
IRS21303
9
11
IRS213(0,2)
8.3
9
9.7
VCCUV+
VCC supply undervoltage
positive going threshold
IRS21303
11
13
IRS213(0,2)
8
8.7
9.4
VCCUV-
VCC supply undervoltage
negative going threshold
IRS21303
9
11
IRS213(0,2)
0.3
VCCUVH
Hysteresis
IRS21303
2
IRS213(0,2)
0.4
VBSUVH
Hysteresis
IRS21303
2
V
Ron, FLT
FAULT low on-resistance
55
75
IO+
Output high short circuit pulsed current
200
250
VO = 0 V, VIN = 0 V
PW ≤ 10 µs
IO-
Output low short circuit pulsed current
420
500
mA
VO = 15 V, VIN = 5 V
PW ≤ 10 µs
VOS
Operational amplifier input offset voltage
10
mV
VSO = VCA- = 0.2 V
ICA-
CA- input bias current
50
nA
VCA- = 2.5 V
CMRR
Operational amplifier common mode
rejection ratio
TBD
80
VSO = VCA- = 0.1 V &
1.1 V
PSRR
Operational amplifier power supply
rejection ratio
TBD
75
dB
VSO = VCA- = 0.2 V
VCC = 10 V & 20 V
VOH,AMP
Operational amplifier high level output
voltage
4.9
5.2
5.4
V
VCA- = 0 V, VSO =1 V
VOL,AMP
Operational amplifier low level output
voltage
30
mV
VCA- = 1 V, VSO =0 V
PRELIMINARY


Similar Part No. - IRS2132PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2132D IRF-IRS2132D Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS2132DJPBF IRF-IRS2132DJPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS2132DPBF IRF-IRS2132DPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
IRS2132DSPBF IRF-IRS2132DSPBF Datasheet
537Kb / 23P
   3-PHASE BRIDGE DRIVER
More results

Similar Description - IRS2132PBF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2130 MOTOROLA-MPIC2130 Datasheet
179Kb / 6P
   3-PHASE BRIDGE DRIVER
logo
International Rectifier
IR21363 IRF-IR21363_15 Datasheet
325Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2237 IRF-IR2237 Datasheet
173Kb / 12P
   3-PHASE BRIDGE DRIVER
IR21303C IRF-IR21303C Datasheet
247Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2332JTRPBF IRF-IRS2332JTRPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2130 IRF-IR2130 Datasheet
639Kb / 21P
   3-PHASE BRIDGE DRIVER
IR2132 IRF-IR2132 Datasheet
643Kb / 21P
   3-PHASE BRIDGE DRIVER
IRS2330SPBF IRF-IRS2330SPBF Datasheet
1Mb / 39P
   3-PHASE-BRIDGE DRIVER
IR2133 IRF-IR2133_15 Datasheet
433Kb / 27P
   3-PHASE BRIDGE DRIVER
IR2130 IRF-IR2130_15 Datasheet
304Kb / 26P
   3-PHASE BRIDGE DRIVER
IR21364PBF IRF-IR21364PBF_15 Datasheet
364Kb / 20P
   3-PHASE BRIDGE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com