Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISPLSI1016E-100LJ Datasheet(PDF) 10 Page - Lattice Semiconductor

Part # ISPLSI1016E-100LJ
Description  In-System Programmable High Density PLD
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPLSI1016E-100LJ Datasheet(HTML) 10 Page - Lattice Semiconductor

Back Button ISPLSI1016E-100LJ Datasheet HTML 4Page - Lattice Semiconductor ISPLSI1016E-100LJ Datasheet HTML 5Page - Lattice Semiconductor ISPLSI1016E-100LJ Datasheet HTML 6Page - Lattice Semiconductor ISPLSI1016E-100LJ Datasheet HTML 7Page - Lattice Semiconductor ISPLSI1016E-100LJ Datasheet HTML 8Page - Lattice Semiconductor ISPLSI1016E-100LJ Datasheet HTML 9Page - Lattice Semiconductor ISPLSI1016E-100LJ Datasheet HTML 10Page - Lattice Semiconductor ISPLSI1016E-100LJ Datasheet HTML 11Page - Lattice Semiconductor ISPLSI1016E-100LJ Datasheet HTML 12Page - Lattice Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Specifications ispLSI 1016E
Input - This pin performs two functions. When
ispEN is logic low, it functions
as an input pin to load programming data into the device. It is a dedicated
input pin when
ispEN is logic high.SDI/IN0 also is used as one of the two
control pins for the isp state machine.
Dedicated Clock input. This clock input is connected to one of the clock
inputs of all the GLBs on the device.
This pin performs two functions:
Input - Dedicated in-system programming enable input pin. This pin is
brought low to enable the programming mode. The MODE, SDI, SDO and
SCLK controls become active.
This is a dual function pin. It can be used either as Global Output Enable for
all I/O cells or it can be used as a dedicated input pin.
Input/Output Pins - These are the general purpose I/O pins used by the logic
array.
NAME
Table 2-0002C-16-isp
DESCRIPTION
I/O 0 - I/O 3
I/O 4 - I/O 7
I/O 8 - I/O 11
I/O 12 - I/O 15
I/O 16 - I/O 19
I/O 20 - I/O 23
I/O 24 - I/O 27
I/O 28 - I/O 31
GOE 0/IN 32
Y1/
RESET
Y0
SDI/IN 01
ispEN
MODE/IN 21
Input - This pin performs two functions. When
ispEN is logic low, it functions
as a pin to control the operation of the isp state machine. It is a dedicated
input pin when
ispEN is logic high.
GND
Vcc
VCC
- Dedicated clock input. This clock input is brought into the Clock
Distribution Network, and can optionally be routed to any GLB and/or
I/O cell on the device.
Output/Input - This pin performs two functions. When
ispEN is logic low, it
functions as an output pin to read serial shift register data. It is a dedicated
input pin when
ispEN is logic high.
SDO/IN 11
Input - This pin performs two functions. When
ispEN is logic low, it
functions as a clock pin for the Serial Shift Register. It is a dedicated clock
input when
ispEN is logic high. This clock input is brought into the Clock
Distribution Network, and can optionally be routed to any GLB and/or I/O
cell on the device.
SCLK/Y21
Ground (GND)
- Active Low (0) Reset pin which resets all of the GLB and I/O registers
in the device.
PLCC
PIN NUMBERS
15,
19,
25,
29,
37,
41,
3,
7,
16,
20,
26,
30,
38,
42,
4,
8,
17,
21,
27,
31,
39,
43,
5,
9,
18,
22,
28,
32,
40,
44,
6,
10
2
35
11
14
13
36
1,
12,
24
33
23
34
1. Pins have dual function capability.
2. Pins have dual function capability which is software selectable.
TQFP
PIN NUMBERS
9,
13,
19,
23,
31,
35,
41,
1,
10,
14,
20,
24,
32,
36,
42,
2,
11,
15,
21,
25,
33,
37,
43,
3,
12,
16,
22,
26,
34,
38,
44,
4
40
29
5
8
7
30
17,
6,
18
27
39
28
Pin Description


Similar Part No. - ISPLSI1016E-100LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPLSI1016E-100LJ LATTICE-ISPLSI1016E-100LJ Datasheet
150Kb / 12P
   In-System Programmable High Density PLD
More results

Similar Description - ISPLSI1016E-100LJ

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
1048C LATTICE-1048C Datasheet
185Kb / 12P
   In-System Programmable High Density PLD
1048EA LATTICE-1048EA Datasheet
182Kb / 14P
   In-System Programmable High Density PLD
ISPLSI1016E LATTICE-ISPLSI1016E_06 Datasheet
269Kb / 13P
   In-System Programmable High Density PLD
1024 LATTICE-1024 Datasheet
147Kb / 12P
   In-System Programmable High Density PLD
1024EA LATTICE-1024EA Datasheet
162Kb / 13P
   In-System Programmable High Density PLD
1032 LATTICE-1032 Datasheet
151Kb / 12P
   In-System Programmable High Density PLD
1032EA LATTICE-1032EA Datasheet
198Kb / 16P
   In-System Programmable High Density PLD
ISPLSI1048E LATTICE-ISPLSI1048E_06 Datasheet
287Kb / 17P
   In-System Programmable High Density PLD
ISPLSI3256E LATTICE-ISPLSI3256E Datasheet
251Kb / 15P
   In-System Programmable High Density PLD
ISPLSI1016EA LATTICE-ISPLSI1016EA_07 Datasheet
207Kb / 13P
   In-System Programmable High Density PLD
ISPLSI3448 LATTICE-ISPLSI3448 Datasheet
173Kb / 14P
   In-System Programmable High Density PLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com