Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2931AZ-5.0RP Datasheet(PDF) 5 Page - ON Semiconductor

Part # LM2931AZ-5.0RP
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931AZ-5.0RP Datasheet(HTML) 5 Page - ON Semiconductor

  LM2931AZ-5.0RP Datasheet HTML 1Page - ON Semiconductor LM2931AZ-5.0RP Datasheet HTML 2Page - ON Semiconductor LM2931AZ-5.0RP Datasheet HTML 3Page - ON Semiconductor LM2931AZ-5.0RP Datasheet HTML 4Page - ON Semiconductor LM2931AZ-5.0RP Datasheet HTML 5Page - ON Semiconductor LM2931AZ-5.0RP Datasheet HTML 6Page - ON Semiconductor LM2931AZ-5.0RP Datasheet HTML 7Page - ON Semiconductor LM2931AZ-5.0RP Datasheet HTML 8Page - ON Semiconductor LM2931AZ-5.0RP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 mF, CO(ESR) = 0.3 W, TA = 25°C [Note 6])
LM2931C/NCV2931C
LM2931AC/NCV2931AC
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
ADJUSTABLE OUTPUT
Reference Voltage (Note 7, Figure 18)
Vref
V
IO = 10 mA, TA = 25°C
1.14
1.20
1.26
1.17
1.20
1.23
IO ≤ 100 mA, TA = − 40 to +125°C
1.08
1.32
1.15
1.25
Output Voltage Range
VO range
3.0 to
24
2.7 to
29.5
3.0 to
24
2.7 to
29.5
V
Line Regulation (Vin = VO + 0.6 V to 26 V)
Regline
0.2
1.5
0.2
1.5
mV/V
Load Regulation (IO = 5.0 mA to 100 mA)
Regload
0.3
1.0
0.3
1.0
%/V
Output Impedance
ZO
m
W/V
IO = 10 mA, DIO = 1.0 mA, f = 10 Hz to 10 kHz
40
40
Bias Current
IB
mA
IO = 100 mA
6.0
6.0
IO = 10 mA
0.4
1.0
0.4
1.0
Output Inhibited (Vth(OI) = 2.5 V)
0.2
1.0
0.2
1.0
Adjustment Pin Current
IAdj
0.2
0.2
mA
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
140
140
mVrms/V
Long−Term Stability
S
0.4
0.4
%/kHR
Ripple Rejection (f = 120 Hz)
RR
0.10
0.003
0.10
0.003
%/V
Dropout Voltage
VI−VO
V
IO = 10 mA
0.015
0.2
0.015
0.2
IO = 100 mA
0.16
0.6
0.16
0.6
Over−Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input
(Vin = −15 V)
−VO
−0.3
0
−0.3
0
V
Output Inhibit Threshold Voltages
Vth(OI)
V
Output “On”:
TA = 25°C
2.15
1.90
2.15
1.90
TA = − 40° to +125°C
1.20
1.20
Output “Off”:
TA = 25°C
2.50
2.26
2.50
2.26
TA = − 40° to +125°C
3.25
3.25
Output Inhibit Threshold Current (Vth(OI) = 2.5 V)
Ith(OI)
30
50
30
50
mA
6. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
7. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.


Similar Part No. - LM2931AZ-5.0RP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931AZ-5.0 NSC-LM2931AZ-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931AZ-5.0 ONSEMI-LM2931AZ-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931AZ-5.0 MOTOROLA-LM2931AZ-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
National Semiconductor ...
LM2931AZ-5.0 NSC-LM2931AZ-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931AZ-5.0 TI1-LM2931AZ-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
More results

Similar Description - LM2931AZ-5.0RP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com