Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC08MT1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC08MT1G
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC08MT1G Datasheet(HTML) 4 Page - ON Semiconductor

  MAC08MT1G Datasheet HTML 1Page - ON Semiconductor MAC08MT1G Datasheet HTML 2Page - ON Semiconductor MAC08MT1G Datasheet HTML 3Page - ON Semiconductor MAC08MT1G Datasheet HTML 4Page - ON Semiconductor MAC08MT1G Datasheet HTML 5Page - ON Semiconductor MAC08MT1G Datasheet HTML 6Page - ON Semiconductor MAC08MT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MAC08BT1, MAC08MT1
http://onsemi.com
4
110
100
90
80
60
50
70
IT(RMS), RMS ON-STATE CURRENT (AMPS)
110
100
90
80
60
50
40
30
20
70
Figure 2. On-State Characteristics
Figure 3. Junction to Ambient Thermal
Resistance versus Copper Tab Area
Figure 4. Current Derating, Minimum Pad Size
Reference: Ambient Temperature
Figure 5. Current Derating, 1.0 cm Square Pad
Reference: Ambient Temperature
FOIL AREA (cm2)
vT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
IT(RMS), RMS ON-STATE CURRENT (AMPS)
Figure 6. Current Derating, 2.0 cm Square Pad
Reference: Ambient Temperature
10
1.0
0.1
0.01
5.0
4.0
3.0
2.0
30
60
70
80
90
160
2.0
0
110
0.5
0.3
0.2
0.1
0
IT(RMS), RMS ON-STATE CURRENT (AMPS)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0.5
0.4
0.3
0.2
0.1
0
1.0
0
4.0
6.0
8.0
10
100
90
80
60
50
40
30
20
0.6
0.7
0.8
150
140
130
120
110
40
50
100
TYPICAL
MAXIMUM
4
1 23
MINIMUM
FOOTPRINT = 0.076 cm2
DEVICE MOUNTED ON
FIGURE 1 AREA = L2
PCB WITH TAB AREA
AS SHOWN
0.4
70
dc
30°
60°
90°
α = 180°
dc
30°
MINIMUM FOOTPRINT
50 OR 60 Hz
120°
110
105
100
95
90
85
80
IT(RMS), ON-STATE CURRENT (AMPS)
Figure 7. Current Derating
Reference: MT2 Tab
0.5
0.4
0.3
0.2
0.1
0
0.6
0.7
0.8
120°
dc
30°
120°
L
L
90°
120°
90°
60°
30°
90°
TYPICAL AT TJ = 110°C
MAX AT TJ = 110°C
MAX AT TJ = 25°C
60°
α = 180°
1.0 cm2 FOIL AREA
50 OR 60 Hz
dc
α = 180°
α = 180°
REFERENCE:
FIGURE 1
60°
α
α
α
α
α = CONDUCTION
ANGLE
α
α
α
α
4.0 cm2 FOIL AREA
α = CONDUCTION
ANGLE
α = CONDUCTION
ANGLE
α = CONDUCTION
ANGLE


Similar Part No. - MAC08MT1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC08MT1 MOTOROLA-MAC08MT1 Datasheet
205Kb / 5P
   TRIAC 0.8 AMPERE RMS 200 thru 600 Volts
logo
ON Semiconductor
MAC08MT1 ONSEMI-MAC08MT1 Datasheet
205Kb / 12P
   SENSITIVE GATE TRIACS
May, 2000 ??Rev. 3
logo
Guangdong Kexin Industr...
MAC08MT1 KEXIN-MAC08MT1 Datasheet
209Kb / 5P
   Sensitive Gate Triacs
More results

Similar Description - MAC08MT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com