Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC8NG Datasheet(PDF) 5 Page - ON Semiconductor

Part # MAC8NG
Description  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC8NG Datasheet(HTML) 5 Page - ON Semiconductor

  MAC8NG Datasheet HTML 1Page - ON Semiconductor MAC8NG Datasheet HTML 2Page - ON Semiconductor MAC8NG Datasheet HTML 3Page - ON Semiconductor MAC8NG Datasheet HTML 4Page - ON Semiconductor MAC8NG Datasheet HTML 5Page - ON Semiconductor MAC8NG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MAC8D, MAC8M, MAC8N
http://onsemi.com
5
TJ, JUNCTION TEMPERATURE (°C)
Figure 6. Gate Trigger Current Variation
TJ, JUNCTION TEMPERATURE (°C)
−50
−30
10
50
90
110
130
100
1
Q2
1
0.4
−50
−30
−10
10
50
110
130
Q1
Figure 7. Gate Trigger Voltage Variation
10
−10
30
70
30
90
0.45
0.5
0.55
0.65
075
0.85
0.9
0.95
0.6
0.7
0.8
Q1
Q3
Q3
70
Q2
Figure 8. Critical Rate of Rise of Off-State
Voltage (Exponential)
RG, GATE TO MAIN TERMINAL 1 RESISTANCE (OHMS)
5000
4K
3K
2K
1K
0
1000
100
10
1
Figure 9. Critical Rate of Rise of
Commutating Voltage
(di/dt)c, RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
TJ = 125°C
100
°C
75
°C
10
60
100
10
1
15
20
25
30
35
40
45
50
55
4.5K
3.5K
2.5K
1.5K
1K
1K
500
MT2 POSITIVE
MT2 NEGATIVE
Figure 10. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)
LL
1N4007
200 V
+
MEASURE
I
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51 W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.


Similar Part No. - MAC8NG

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MAC8N MOTOROLA-MAC8N Datasheet
79Kb / 4P
   TRIACS 8 AMPERES RMS 400 thru 800 VOLTS
More results

Similar Description - MAC8NG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com