Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC4DSM-001 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MAC4DSM-001
Description  Triacs Silicon Bidirectional Thyristors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4DSM-001 Datasheet(HTML) 2 Page - ON Semiconductor

  MAC4DSM-001 Datasheet HTML 1Page - ON Semiconductor MAC4DSM-001 Datasheet HTML 2Page - ON Semiconductor MAC4DSM-001 Datasheet HTML 3Page - ON Semiconductor MAC4DSM-001 Datasheet HTML 4Page - ON Semiconductor MAC4DSM-001 Datasheet HTML 5Page - ON Semiconductor MAC4DSM-001 Datasheet HTML 6Page - ON Semiconductor MAC4DSM-001 Datasheet HTML 7Page - ON Semiconductor MAC4DSM-001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MAC4DSM, MAC4DSN
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, − Junction−to−Case
− Junction−to−Ambient
− Junction−to−Ambient (Note 2)
RqJC
RqJA
RqJA
3.5
88
80
°C/W
Maximum Lead Temperature for Soldering Purposes (Note 3)
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 125°C
IDRM,
IRRM
0.01
2.0
mA
ON CHARACTERISTICS
Peak On−State Voltage (Note 4)
(ITM = ± 6.0 A)
VTM
1.3
1.6
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IGT
2.9
2.9
2.9
4.0
5.0
7.0
10
10
10
mA
Gate Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGT
0.5
0.5
0.5
0.7
0.65
0.7
1.3
1.3
1.3
V
Gate Non−Trigger Voltage (Continuous dc) (VD = 12 V, RL = 100 W)
MT2(+), G(+); MT2(+), G(−); MT2(−), G(−)
TJ = 125°C
VGD
0.2
0.4
V
Holding Current
(VD = 12 V, Gate Open, Initiating Current = ± 200 mA)
IH
2.0
5.5
15
mA
Latching Current (VD = 12 V, IG = 10 mA)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IL
6.0
10
6.0
30
30
30
mA
DYNAMIC CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Rate of Change of Commutating Current
(VD = 400 V, ITM = 3.5 A, Commutating dv/dt = 10 V/msec, Gate Open, TJ = 125°C,
f = 500 Hz, CL = 5.0
mF, LL = 20 mH, No Snubber) See Figure 16
di/dt(c)
3.0
4.0
A/ms
Critical Rate of Rise of Off−State Voltage
(VD = 0.67 X Rated VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dv/dt
50
175
V/
ms
2. These ratings are applicable when surface mounted on the minimum pad sizes recommended.
3. 1/8
″ from case for 10 seconds.
4. Pulse Test: Pulse Width
≤ 2.0 msec, Duty Cycle ≤ 2%.
ORDERING INFORMATION
Device
Package Type
Package
Shipping
MAC4DSM−001
DPAK−3
369D
75 Units / Rail
MAC4DSM−001G
DPAK−3
(Pb−Free)
369D
75 Units / Rail
MAC4DSMT4
DPAK
369C
2500 / Tape & Reel
MAC4DSMT4G
DPAK
(Pb−Free)
369C
2500 / Tape & Reel
MAC4DSN−001
DPAK−3
369D
75 Units / Rail
MAC4DSN−001G
DPAK−3
(Pb−Free)
369D
75 Units / Rail
MAC4DSNT4
DPAK
369C
2500 / Tape & Reel
MAC4DSNT4G
DPAK
(Pb−Free)
369C
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MAC4DSM-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DSM-001 ONSEMI-MAC4DSM-001 Datasheet
132Kb / 8P
   SILICON BIDIRECTIONAL THYRISTORS
August, 2004 ??Rev. 4
More results

Similar Description - MAC4DSM-001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com