Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAC12SN Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAC12SN
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC12SN Datasheet(HTML) 4 Page - ON Semiconductor

  MAC12SN Datasheet HTML 1Page - ON Semiconductor MAC12SN Datasheet HTML 2Page - ON Semiconductor MAC12SN Datasheet HTML 3Page - ON Semiconductor MAC12SN Datasheet HTML 4Page - ON Semiconductor MAC12SN Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MAC12SM, MAC12SN
http://onsemi.com
4
180
°
DC
30
°
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
Figure 3. Typical Latching Current
versus Junction Temperature
Figure 4. Typical Holding Current
versus Junction Temperature
100
1
10
100
0.1
10
−40
−10
20
50
80
110
−25
5
35
65
95
−40
−10
20
50
80
110
−25
5
35
65
95
Figure 5. Typical RMS Current Derating
IT(RMS), RMS ON-STATE CURRENT (AMPS)
110
90
80
70
8
6
4
2
0
Figure 6. On-State Power Dissipation
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
12
8
6
2
0
20
15
5
10
0
60
25
MT2 Positive
MT2 Negative
Q3
Q2
Q1
12
10
30
°, 60°
90
°
180
°
DC
120
°
10
4
0.1
1
100
90
°
60
°
Figure 7. Typical On-State Characteristics
VT, INSTANTANEOUS ON-STATE VOLTAGE (VOLTS)
100
0.5
1.5
2.5
3.5
4.5
10
1
0.1
Figure 8. Typical Thermal Response
t, TIME (ms)
1
0.1
0.01
10000
1000
100
10
1
0.1
Maximum @ TJ = 110°C
Typical @ TJ = 25°C
Maximum @ TJ = 25°C


Similar Part No. - MAC12SN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC12SN ONSEMI-MAC12SN Datasheet
74Kb / 6P
   Sensitive Gate Triacs
April, 2003 - Rev. 2
logo
Kersemi Electronic Co.,...
MAC12SN KERSEMI-MAC12SN Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results

Similar Description - MAC12SN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
MAC4DHM-1G ONSEMI-MAC4DHM-1G Datasheet
151Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
January, 2009 ??Rev. 6
logo
New Jersey Semi-Conduct...
MAC97 NJSEMI-MAC97 Datasheet
100Kb / 2P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
logo
Kersemi Electronic Co.,...
MAC12SM KERSEMI-MAC12SM Datasheet
417Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com