Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPM3256A Datasheet(PDF) 4 Page - Altera Corporation

Part # EPM3256A
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM3256A Datasheet(HTML) 4 Page - Altera Corporation

  EPM3256A Datasheet HTML 1Page - Altera Corporation EPM3256A Datasheet HTML 2Page - Altera Corporation EPM3256A Datasheet HTML 3Page - Altera Corporation EPM3256A Datasheet HTML 4Page - Altera Corporation EPM3256A Datasheet HTML 5Page - Altera Corporation EPM3256A Datasheet HTML 6Page - Altera Corporation EPM3256A Datasheet HTML 7Page - Altera Corporation EPM3256A Datasheet HTML 8Page - Altera Corporation EPM3256A Datasheet HTML 9Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
4
Altera Corporation
MAX 3000A Programmable Logic Device Family Data Sheet
MAX 3000A devices contain 32 to 512 macrocells, combined into groups
of 16 macrocells called logic array blocks (LABs). Each macrocell has a
programmable–AND/fixed–OR array and a configurable register with
independently programmable clock, clock enable, clear, and preset
functions. To build complex logic functions, each macrocell can be
supplemented with shareable expander and high–speed parallel
expander product terms to provide up to 32 product terms per macrocell.
MAX 3000A devices provide programmable speed/power optimization.
Speed–critical portions of a design can run at high speed/full power,
while the remaining portions run at reduced speed/low power. This
speed/power optimization feature enables the designer to configure one
or more macrocells to operate at 50% or lower power while adding only a
nominal timing delay. MAX 3000A devices also provide an option that
reduces the slew rate of the output buffers, minimizing noise transients
when non–speed–critical signals are switching. The output drivers of all
MAX 3000A devices can be set for 2.5 V or 3.3 V, and all input pins are
2.5–V, 3.3–V, and 5.0-V tolerant, allowing MAX 3000A devices to be used
in mixed–voltage systems.
MAX 3000A devices are supported by Altera development systems,
which are integrated packages that offer schematic, text—including
VHDL, Verilog HDL, and the Altera Hardware Description Language
(AHDL)—and waveform design entry, compilation and logic synthesis,
simulation and timing analysis, and device programming. The software
provides EDIF 2 0 0 and 3 0 0, LPM, VHDL, Verilog HDL, and other
interfaces for additional design entry and simulation support from other
industry–standard PC– and UNIX–workstation–based EDA tools. The
software runs on Windows–based PCs, as well as Sun SPARCstation, and
HP 9000 Series 700/800 workstations.
f For more information on development tools, see the MAX+PLUS II
Programmable Logic Development System & Software Data Sheet and the
Quartus Programmable Logic Development System & Software Data Sheet.
Functional
Description
The MAX 3000A architecture includes the following elements:
Logic array blocks (LABs)
Macrocells
Expander product terms (shareable and parallel)
Programmable interconnect array (PIA)
I/O control blocks
The MAX 3000A architecture includes four dedicated inputs that can be
used as general–purpose inputs or as high–speed, global control signals
(clock, clear, and two output enable signals) for each macrocell and I/O
pin. Figure 1 shows the architecture of MAX 3000A devices.


Similar Part No. - EPM3256A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM3256A ALTERA-EPM3256A Datasheet
649Kb / 42P
   Programmable Logic Device Family
EPM3256A ALTERA-EPM3256A Datasheet
2Mb / 182P
   Package Information Datasheet for Mature Altera Devices
EPM3256A ALTERA-EPM3256A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3256A ALTERA-EPM3256A Datasheet
715Kb / 46P
   Programmable Logic Device Family
EPM3256A ALTERA-EPM3256A Datasheet
715Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM3256A

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com