Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74FST3126DT Datasheet(PDF) 4 Page - ON Semiconductor

Part # 74FST3126DT
Description  4?묪it Bus Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3126DT Datasheet(HTML) 4 Page - ON Semiconductor

  74FST3126DT Datasheet HTML 1Page - ON Semiconductor 74FST3126DT Datasheet HTML 2Page - ON Semiconductor 74FST3126DT Datasheet HTML 3Page - ON Semiconductor 74FST3126DT Datasheet HTML 4Page - ON Semiconductor 74FST3126DT Datasheet HTML 5Page - ON Semiconductor 74FST3126DT Datasheet HTML 6Page - ON Semiconductor 74FST3126DT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
74FST3126
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS
VCC
TA = *40_C to )85_C
Symbol
Parameter
Conditions
(V)
Min
Typ*
Max
Unit
VIK
Clamp Diode Resistance
IIN = *18mA
4.5
*1.2
V
VIH
High−Level Input Voltage
4.0 to 5.5
2.0
V
VIL
Low−Level Input Voltage
4.0 to 5.5
0.8
V
II
Input Leakage Current
0 v VIN v 5.5 V
5.5
$1.0
mA
IOZ
OFF−STATE Leakage Current
0 v A, B v VCC
5.5
$1.0
mA
RON
Switch On Resistance (Note 6) VIN = 0 V, IIN = 64 mA
4.5
4
7
W
VIN = 0 V, IIN = 30 mA
4.5
4
7
VIN = 2.4 V, IIN = 15 mA
4.5
8
15
VIN = 2.4 V, IIN = 15 mA
4.0
11
20
ICC
Quiescent Supply Current
VIN = VCC or GND, IOUT = 0
5.5
3
mA
DICC
Increase In ICC per Input
One input at 3.4 V, Other inputs at VCC or GND
5.5
2.5
mA
*Typical values are at VCC = 5.0 V and TA = 25_C.
6. Measured by the voltage drop between A and B pins at the indicated current through the switch.
AC ELECTRICAL CHARACTERISTICS
Limits
TA = *40_C to )85_C
VCC = 4.5 to 5.5 V
VCC = 4.0 V
Symbol
Parameter
Conditions
Figures
Min
Max
Min
Max
Unit
tPHL,
tPLH
Prop Delay Bus to Bus
(Note 7)
VI = OPEN
4 and 5
0.25
0.25
ns
tPZH,
tPZL
Output Enable Time
VI = 7 V for tPZL
VI = OPEN for tPZH
4 and 5
1.0
4.5
5.0
ns
tPHZ,
tPLZ
Output Disable Time
VI = 7 V for tPLZ
VI = OPEN for tPHZ
4 and 5
1.5
5.7
6.2
ns
7. This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the
typical On resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source (zero output impedance).
CAPACITANCE (Note 8)
Symbol
Parameter
Conditions
Typ
Max
Unit
CIN
Control Pin Input Capacitance
VCC = 5.0 V
3
pF
CI/O
Input/Output Capacitance
VCC = 5.0 V, OE = 0 V
5
pF
8. TA = )25_C, f = 1 MHz, Capacitance is characterized but not tested.


Similar Part No. - 74FST3126DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3126DT ONSEMI-74FST3126DT Datasheet
80Kb / 8P
   4-Bit Bus Switch
August, 2001 ??Rev. 0
74FST3126DTR2 ONSEMI-74FST3126DTR2 Datasheet
80Kb / 8P
   4-Bit Bus Switch
August, 2001 ??Rev. 0
More results

Similar Description - 74FST3126DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3125 ONSEMI-74FST3125_06 Datasheet
196Kb / 7P
   4?묪it Bus Switch
June, 2006 ??Rev. 3
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
   4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
74FST3244 ONSEMI-74FST3244_06 Datasheet
199Kb / 7P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3861 ONSEMI-74FST3861 Datasheet
193Kb / 6P
   10?묪it Bus Switch
June, 2006 ??Rev. 6
74FST3345 ONSEMI-74FST3345_06 Datasheet
189Kb / 6P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3245 ONSEMI-74FST3245_06 Datasheet
189Kb / 6P
   8?묪it Bus Switch
June, 2006 ??Rev. 2
74FST3384 ONSEMI-74FST3384_06 Datasheet
211Kb / 8P
   10?묪it Low Power Bus Switch
June, 2006 ??Rev. 6
74FST6800 ONSEMI-74FST6800 Datasheet
194Kb / 6P
   10?묪it Bus Switch with Precharged Outputs
June, 2006 ??Rev. 6
MC10H680 ONSEMI-MC10H680_06 Datasheet
137Kb / 10P
   4?묪it Differential ECL Bus to TTL Bus Transceiver
November, 2006 ??Rev. 11
MC14598B ONSEMI-MC14598B_06 Datasheet
74Kb / 6P
   8?묪it Bus?묬ompatible Latches
June, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com