Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25P16-VMP6G Datasheet(PDF) 10 Page - STMicroelectronics

Part # M25P16-VMP6G
Description  16 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P16-VMP6G Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M25P16-VMP6G Datasheet HTML 6Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 7Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 8Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 9Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 10Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 11Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 12Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 13Page - STMicroelectronics M25P16-VMP6G Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
SPI modes
M25P16
10/55
3
SPI modes
These devices can be driven by a microcontroller with its SPI peripheral running in either of
the two following modes:
CPOL=0, CPHA=0
CPOL=1, CPHA=1
For these two modes, input data is latched in on the rising edge of Serial Clock (C), and
output data is available from the falling edge of Serial Clock (C).
The difference between the two modes, as shown in Figure 5, is the clock polarity when the
bus master is in Stand-by mode and not transferring data:
C remains at 0 for (CPOL=0, CPHA=0)
C remains at 1 for (CPOL=1, CPHA=1)
Figure 4.
Bus master and memory devices on the SPI bus
1.
The Write Protect (W) and Hold (HOLD) signals should be driven, High or Low as appropriate.
Figure 4 shows an example of three devices connected to an MCU, on an SPI bus. Only one
device is selected at a time, so only one device drives the Serial Data Output (Q) line at a
time, the other devices are high impedance. Resistors R (represented in Figure 4) ensure
that the M25P16 is not selected if the Bus Master leaves the S line in the high impedance
state. As the Bus Master may enter a state where all inputs/outputs are in high impedance
at the same time (for example, when the Bus Master is reset), the clock line (C) must be
connected to an external pull-down resistor so that, when all inputs/outputs become high
impedance, the S line is pulled High while the C line is pulled Low (thus ensuring that S and
C do not become High at the same time, and so, that the tSHCH requirement is met). The
typical value of R is 100 k
Ω, assuming that the time constant R*C
p (Cp = parasitic
capacitance of the bus line) is shorter than the time during which the Bus Master leaves the
SPI bus in high impedance.
AI12836b
SPI Bus Master
SPI Memory
Device
SDO
SDI
SCK
CQD
S
SPI Memory
Device
CQD
S
SPI Memory
Device
CQD
S
CS3
CS2 CS1
SPI Interface with
(CPOL, CPHA) =
(0, 0) or (1, 1)
W
HOLD
W
HOLD
W
HOLD
RR
R
VCC
VCC
VCC
VCC
VSS
VSS
VSS
VSS
R


Similar Part No. - M25P16-VMP6G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25P16-VMP6G NUMONYX-M25P16-VMP6G Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
More results

Similar Description - M25P16-VMP6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P16 STMICROELECTRONICS-M25P16 Datasheet
532Kb / 39P
   16 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
   64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
logo
STMicroelectronics
M25P40 STMICROELECTRONICS-M25P40_07 Datasheet
497Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
logo
AMIC Technology
A25L80P AMICC-A25L80P Datasheet
513Kb / 34P
   8 Mbit, Low Voltage, Serial Flash Memory With 50 MHz SPI Bus Interface
logo
Numonyx B.V
M25P40 NUMONYX-M25P40 Datasheet
1,016Kb / 53P
   4 Mbit, low voltage, serial Flash memory with 50 MHz SPI bus interface
M25P10-A NUMONYX-M25P10-A Datasheet
987Kb / 51P
   1 Mbit, serial Flash memory, 50 MHz SPI bus interface
M25P16 NUMONYX-M25P16 Datasheet
1Mb / 55P
   16 Mbit, serial Flash memory, 75 MHz SPI bus interface
M25P128 NUMONYX-M25P128 Datasheet
862Kb / 45P
   128 Mbit (Multilevel), low-voltage, Serial Flash memory with 50-MHz SPI bus interface
logo
AMIC Technology
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
   16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
Numonyx B.V
M25P80 NUMONYX-M25P80 Datasheet
994Kb / 52P
   8 Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com