Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4582CPE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4582CPE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4582CPE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4582CPE Datasheet HTML 1Page - Maxim Integrated Products MAX4582CPE Datasheet HTML 2Page - Maxim Integrated Products MAX4582CPE Datasheet HTML 3Page - Maxim Integrated Products MAX4582CPE Datasheet HTML 4Page - Maxim Integrated Products MAX4582CPE Datasheet HTML 5Page - Maxim Integrated Products MAX4582CPE Datasheet HTML 6Page - Maxim Integrated Products MAX4582CPE Datasheet HTML 7Page - Maxim Integrated Products MAX4582CPE Datasheet HTML 8Page - Maxim Integrated Products MAX4582CPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(VCC = 4.5V to 5.5V, VEE = -4.5V to -5.5V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
C, E, A
200
TA = +25°C
Address Transition Time
tTRANS
ns
VX_, VY_, VZ_ = ±3V; RL = 300
Ω; CL = 35pF;
Figure 2
90
200
C, E, A
150
TA = +25°C
Inhibit Turn-Off Time
t(OFF)
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 3
40
100
C, E, A
-10
+10
C, E, A
TA = +25°C
200
TA = +25°C
Inhibit Turn-On Time
t(ON)
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 3
100
200
Power-Supply Current
ICC, IEE
µA
VCC = 5.5V, VEE = -5.5V,
VA, VB, VC, VEnable = V+ or 0
-1
+1
PARAMETER
SYMBOL
TEMP
UNITS
MIN
TYP
MAX
(Note 2)
CONDITIONS
TA = +25°C
Break-Before-Make Time
tBBM
ns
VX_, VY_, VZ_ = 3V; RL = 300
Ω; CL = 35pF;
Figure 4
420
Charge Injection (Note 6)
Q
pC
TA = +25°C
C = 1nF, RS = 0
Ω, VS = 0V
0.5
5
pF
Output Off-Capacitance
CX(OFF),
CY(OFF),
CZ(OFF)
TA = +25°C
VX_, VY_, VZ_ = 0V; f = 1MHz;
Figure 7
18
pF
Output On-Capacitance
CX(ON),
CY(ON),
CZ(ON)
TA = +25°C
VX_, VY_, VZ_ = 0V; f = 1MHz;
Figure 7
25
MAX4581
MAX4581
dB
Off-Isolation
VISO
TA = +25°C
-74
10
MAX4582
6
MAX4583
17
12.5
MAX4583
MAX4582
pF
Channel-to-Channel
Crosstalk
VCT
TA = +25°C
RL = 50
Ω, f = 1MHz, Figure 6
-96
MAX4582
dB
TA = +25°C
-78
MAX4581
TA = +25°C
MAX4583
RL = 50
Ω, f = 1MHz, Figure 6
%
Total Harmonic
Distortion
THD
TA = +25°C
RL = 600
Ω, 5Vp-p, f = 20Hz to 20kHz
0.02
-73
V
Power-Supply Range
VCC, VEE
C, E, A
±2
±6
C, E, A
Input-Current High
IAH, IBH,
ICH
µA
VA, VB, VC = 2.4V
-1
+1
C, E, A
Input-Current Low
IAL, IBL,
ICL
µA
VA, VB, VC = 0.8V
-1
+1
Input Off-Capacitance
CX_(OFF),
CY_(OFF),
CZ_(OFF)
pF
TA = +25°C
VX_, VY_, VZ_ = 0V; f = 1MHz; Figure 7
4
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4582CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4582CPE MAXIM-MAX4582CPE Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
More results

Similar Description - MAX4582CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4051 MAXIM-MAX4051 Datasheet
148Kb / 20P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 0; 1/96
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com