Selected language     English  ▼


MIC2172_05 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part No. MIC2172_05
Description  100kHz 1.25A Switching Regulators
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICREL [Micrel Semiconductor]
Homepage  http://www.micrel.com
Logo 

 6 page
background image
MIC2172/3172
Micrel, Inc.
M9999-042205
6
April 2005
2.3
2.4
2.5
2.6
2.7
2.8
2.9
-100
-50
0
50
100
150
Temperature (°C)
MIC2172 Minimum
Operating Voltage
Switch Current = 1A
0
100
200
300
400
500
600
700
800
-100
-50
0
50
100
150
Temperature (°C)
Feedback Bias Current
-5
-4
-3
-2
-1
0
1
2
3
4
5
010
20
3040
V
IN
Operating (V)
Feedback Voltage
Line Regulation
T
J
= -40°C
T
J
= 25°C
T
J
= 125°C
5
6
7
8
9
10
11
12
13
14
15
010
20
3040
V
IN Operating Voltage (V)
Supply Current
I
SW
= 0
D.C. = 90%
D.C. = 50%
D.C. = 0%
0
1
2
3
4
5
6
7
8
-100
-50
0
50
100
150
Temperature (°C)
Supply Current
(Shutdown Mode)
MIC3172
V
IN = 40V
0.8
0.9
1
1.1
1.2
1.3
1.4
-100
-50
0
50
100
150
Temperature (°C)
Enable Thresholds
ON
OFF
MIC3172
0
10
20
30
40
50
0.0
0.5
1.0
1.5
2.0
Switch Current (A)
Supply Current
δ = 90%
δ = 50%
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.0
0.5
1.0
1.5
Switch Current (A)
Switch ON Voltage
T
J
= 25°C
T
J
= 125°C
T
J
= –40°C
0
1
2
3
4
020
406080
100
Duty Cycle (%)
Current Limit
–40°C
25°C
125°C
0
1
2
3
4
5
6
7
8
9
10
-100
-50
0
50
100
150
Temperature (°C)
Supply Current
V
COMP = 0.6V
60
70
80
90
100
110
120
-50
0
50
100
150
Temperature (°C)
Oscillator Frequency
90
100
110
120
130
140
110
100
1000
R
ADJ (kΩ)
Oscillator Frequency
MIC2172
Typical Performance Characteristics




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC79L00100 mA Negative Voltage Regulators 1 2 3 4 5 MoreON Semiconductor
L7900_07Negative voltage regulators 1 2 3 4 5 MoreSTMicroelectronics
LT1054_06SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS 1 2 3 4 5 MoreTexas Instruments
CS20011.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET 1 2 3 4 5 MoreON Semiconductor
HA16341NTRedundant Secondary Switching Power Supply Controller 1 2 3 4 5 MoreHitachi Semiconductor
MA57Si Epitaxial Planar Band Switching Diode 1 2 3 4 5 MorePanasonic Semiconductor
PS2503-1LOW INPUT CURRENT HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES 1 2 3 4 5 MoreNEC
SC2453High Performance Quad Output Switching Regulator 1 2 3 4 5 MoreSemtech Corporation
BCM5632E12 GIGABIT + 1 10-GIGABIT SWITCHING PROCESSOR 1 2 Broadcom Corporation.
HVU145Silicon Epitaxial Planar Pin Diode for Antenna Switching 1 2 3 4 5 MoreRenesas Technology Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl