Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29372 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC29372
Description  750mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29372 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC29372 Datasheet HTML 4Page - Micrel Semiconductor MIC29372 Datasheet HTML 5Page - Micrel Semiconductor MIC29372 Datasheet HTML 6Page - Micrel Semiconductor MIC29372 Datasheet HTML 7Page - Micrel Semiconductor MIC29372 Datasheet HTML 8Page - Micrel Semiconductor MIC29372 Datasheet HTML 9Page - Micrel Semiconductor MIC29372 Datasheet HTML 10Page - Micrel Semiconductor MIC29372 Datasheet HTML 11Page - Micrel Semiconductor MIC29372 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC2937A/29371/29372
Micrel, Inc.
MIC2937A/29371/29372
8
May 2006
Applications Information
External Capacitors
A10µF(orgreater)capacitorisrequiredbetweentheMIC2937A
outputandgroundtopreventoscillationsduetoinstability.Most
types of tantalum or aluminum electrolytics will be adequate;
film types will work, but are costly and therefore not recom-
mended. Many aluminum electrolytics have electrolytes that
freeze at about –30°C, so solid tantalums are recommended
for operation below –25°C. The important parameters of the
capacitor are an effective series resistance of about 5Ω or
less and a resonant frequency above 500kHz. The value of
this capacitor may be increased without limit.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.5µF for current below 10mA or 0.15µF for currents below
1 mA. Adjusting the MIC29372 to voltages below 5V runs the
error amplifier at lower gains so that more output capacitance
is needed. For the worst-case situation of a 750mA load at
1.23V output (Output shorted to Adjust) a 22µF (or greater)
capacitor should be used.
TheMIC2937A/29371willremaininregulationwithaminimum
load of 5mA. When setting the output voltage of the MIC29372
versionwithexternalresistors,thecurrentthroughtheseresis-
tors may be included as a portion of the minimum load.
A 0.1µF capacitor should be placed from the input to ground
if there is more than 10 inches of wire between the input and
the AC filter capacitor or if a battery is used as the input.
Error Detection Comparator Output (MIC29371)
A logic low output will be produced by the comparator when-
ever the MIC29371 output falls out of regulation by more than
approximately 5%. This figure is the comparator’s built-in
offset of about 75mV divided by the 1.235V reference volt-
age. (Refer to the block diagram on Page 1). This trip level
remains “5% below normal” regardless of the programmed
output voltage of the MIC29371. For example, the error flag
trip level is typically 4.75V for a 5V output or 11.4V for a 12V
output. The out of regulation condition may be due either to
low input voltage,extremely high input voltage, current limit-
ing, or thermal limiting.
Figure 1 is a timing diagram depicting the ERROR signal
and the regulated output voltage as the MIC29371 input is
ramped up and down.The ERROR signal becomes valid (low)
at about 1.3V input. It goes high at about 5V input (the input
voltage at which V
OUT = 4.75). Since the MIC29371’s dropout
voltage is load-dependent (see curve in Typical Performance
Characteristics), the input voltage trip point (about 5V) will
vary with the load current. The output voltage trip point (ap-
proximately 4.75V) does not vary with load.
* SEE APPLICATIONS INFORMATION
Figure 1. ERROR Output Timing
TheerrorcomparatorhasanNPNopen-collectoroutputwhich
requires an external pull-up resistor. Depending on system
requirements, this resistor may be returned to the 5V output
or some other supply voltage. In determining a value for this
resistor, note that while the output is rated to sink 250µA, this
sink current adds to battery drain in a low battery condition.
Suggested values range from 100k to 1MΩ. The resistor is
not required if this output is unused.
Programming the Output Voltage (MIC29372)
The MIC29372 may programmed for any output voltage be-
tween its 1.235V reference and its 26V maximum rating. An
external pair of resistors is required, as shown in Figure 3.
The complete equation for the output voltage is
V
OUT = V
REF x { 1 + R1/R2 } – |IFB| R1
where V
REF is the nominal 1.235 reference voltage and IFB is
theAdjust pin bias current, nominally 20nA.The minimum rec-
ommended load current of 1µAforces an upper limit of 1.2MΩ
on the value of R
2, if the regulator must work with no load (a
condition often found in CMOS in standby), I
FB will produce
a –2% typical error in V
OUT which may be eliminated at room
temperature by trimming R
1. For better accuracy, choosing
R
2 = 100k reduces this error to 0.17% while increasing the
resistorprogramcurrentto12µA.SincetheMIC29372typically
draws 100µA at no load with SHUTDOWN open-circuited,
this is a negligible addition.
Reducing Output Noise
In reference applications it may be advantageous to reduce
the AC noise present at the output. One method is to reduce
the regulator bandwidth by increasing the size of the output
capacitor.Thisisrelativelyinefficient,asincreasingthecapaci-
tor from 1µF to 220µF only decreases the noise from 430µV
to 160µV
RMS for a 100kHz bandwidth at 5V output. Noise can
be reduced by a factor of four with the adjustable regulators
*
*
OUTPUT
VOLTAGE
INPUT
VOLTAGE
ERROR NOT
VALID
NOT
VALID
5V
1.3V
4.75V


Similar Part No. - MIC29372

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29372BT MICREL-MIC29372BT Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC29372BT MICREL-MIC29372BT Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
MIC29372BU MICREL-MIC29372BU Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC29372BU MICREL-MIC29372BU Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29372

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Linear Technology
LT3030 LINER-LT3030 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3030 LINER-LT3030_15 Datasheet
646Kb / 22P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com