Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUK573-60A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BUK573-60A
Description  PowerMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK573-60A Datasheet(HTML) 2 Page - NXP Semiconductors

  BUK573-60A Datasheet HTML 1Page - NXP Semiconductors BUK573-60A Datasheet HTML 2Page - NXP Semiconductors BUK573-60A Datasheet HTML 3Page - NXP Semiconductors BUK573-60A Datasheet HTML 4Page - NXP Semiconductors BUK573-60A Datasheet HTML 5Page - NXP Semiconductors BUK573-60A Datasheet HTML 6Page - NXP Semiconductors BUK573-60A Datasheet HTML 7Page - NXP Semiconductors BUK573-60A Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product Specification
PowerMOS transistor
BUK573-60A/B
Logic level FET
STATIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
(BR)DSS
Drain-source breakdown
V
GS = 0 V; ID = 0.25 mA
60
-
-
V
voltage
V
GS(TO)
Gate threshold voltage
V
DS = VGS; ID = 1 mA
1.0
1.5
2.0
V
I
DSS
Zero gate voltage drain current
V
DS = 60 V; VGS = 0 V; Tj = 25 ˚C
-
1
10
µA
I
DSS
Zero gate voltage drain current
V
DS = 60 V; VGS = 0 V; Tj =125 ˚C
-
0.1
1.0
mA
I
GSS
Gate source leakage current
V
GS = ±15 V; VDS = 0 V
-
10
100
nA
R
DS(ON)
Drain-source on-state
V
GS = 5 V;
BUK573-60A
-
0.075
0.085
resistance
I
D = 10 A
BUK573-60B
-
0.08
0.10
DYNAMIC CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
g
fs
Forward transconductance
V
DS = 25 V; ID = 10 A
7
10
-
S
C
iss
Input capacitance
V
GS = 0 V; VDS = 25 V; f = 1 MHz
-
700
825
pF
C
oss
Output capacitance
-
240
350
pF
C
rss
Feedback capacitance
-
130
160
pF
t
d on
Turn-on delay time
V
DD = 30 V; ID = 3 A;
-
20
30
ns
t
r
Turn-on rise time
V
GS = 5 V; RGS = 50 Ω;
-
95
120
ns
t
d off
Turn-off delay time
R
gen = 50 Ω
-
80
110
ns
t
f
Turn-off fall time
-
65
85
ns
L
d
Internal drain inductance
Measured from drain lead 6 mm
-
4.5
-
nH
from package to centre of die
L
s
Internal source inductance
Measured from source lead 6 mm
-
7.5
-
nH
from package to source bond pad
ISOLATION LIMITING VALUE & CHARACTERISTIC
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
isol
R.M.S. isolation voltage from all
f = 50-60 Hz; sinusoidal
-
2500
V
three terminals to external
waveform;
heatsink
R.H.
≤ 65% ; clean and dustfree
C
isol
Capacitance from T2 to external f = 1 MHz
-
10
-
pF
heatsink
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
T
hs = 25 ˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
DR
Continuous reverse drain
-
-
-
13
A
current
I
DRM
Pulsed reverse drain current
-
-
-
52
A
V
SD
Diode forward voltage
I
F = 13 A ; VGS = 0 V
-
1.1
1.3
V
t
rr
Reverse recovery time
I
F = 13 A; -dIF/dt = 100 A/µs;
-
60
-
ns
Q
rr
Reverse recovery charge
V
GS = 0 V; VR = 30 V
-
0.20
-
µC
February 1994
2
Rev 1.100


Similar Part No. - BUK573-60A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BUK573-60A ISC-BUK573-60A Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK573-60A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK562-100A PHILIPS-BUK562-100A Datasheet
75Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
PHP3055L PHILIPS-PHP3055L Datasheet
52Kb / 7P
   PowerMOS transistor Logic level FET
April 1998 1 Rev 1.000
BUK565-60H PHILIPS-BUK565-60H Datasheet
72Kb / 8P
   PowerMOS transistor Logic level FET
June 1995 Rev 1.000
BUK581-100A PHILIPS-BUK581-100A Datasheet
59Kb / 8P
   PowerMOS transistor Logic level FET
January 1998 Rev 1.000
BUK583-60A PHILIPS-BUK583-60A Datasheet
55Kb / 8P
   PowerMOS transistor Logic level FET
September 1995 Rev 1.200
PHD3055L PHILIPS-PHD3055L Datasheet
55Kb / 7P
   PowerMOS transistor Logic level FET
September 1997 Rev 1.000
BUK563-60A PHILIPS-BUK563-60A Datasheet
53Kb / 8P
   PowerMOS transistor Logic level FET
July 1995 Rev 1.000
BUK565-60A PHILIPS-BUK565-60A Datasheet
58Kb / 7P
   PowerMOS transistor Logic level FET
February 1996 Rev 1.000
logo
New Jersey Semi-Conduct...
BUK553 NJSEMI-BUK553 Datasheet
97Kb / 2P
   PowerMOS transistor Logic level FET
logo
NXP Semiconductors
BUK543-100A PHILIPS-BUK543-100A Datasheet
58Kb / 8P
   PowerMOS transistor Logic level FET
April 1993 Rev 1.100
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com