Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC29371-3.3BU Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC29371-3.3BU
Description  750mA Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC29371-3.3BU Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC29371-3.3BU Datasheet HTML 1Page - Micrel Semiconductor MIC29371-3.3BU Datasheet HTML 2Page - Micrel Semiconductor MIC29371-3.3BU Datasheet HTML 3Page - Micrel Semiconductor MIC29371-3.3BU Datasheet HTML 4Page - Micrel Semiconductor MIC29371-3.3BU Datasheet HTML 5Page - Micrel Semiconductor MIC29371-3.3BU Datasheet HTML 6Page - Micrel Semiconductor MIC29371-3.3BU Datasheet HTML 7Page - Micrel Semiconductor MIC29371-3.3BU Datasheet HTML 8Page - Micrel Semiconductor MIC29371-3.3BU Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC2937A/29371/29372
Micrel, Inc.
May 2006
1
MIC2937A/29371/29372
Features
High output voltage accuracy
Guaranteed 750mA output
Low quiescent current
Low dropout voltage
Extremely tight load and line regulation
Very low temperature coefficient
Current and thermal limiting
Input can withstand –20V reverse battery and +60V posi-
tive transients
Error flag warns of output dropout
Logic-controlled electronic shutdown
Output programmable from 1.24V to 26V(MIC29372)
Available in TO-220, TO-263, TO-220-5, and TO-263-5
packages.
Applications
Battery Powered Equipment
Cellular Telephones
Laptop, Notebook, and Palmtop Computers
PCMCIA V
CC and VPP Regulation/Switching
Bar Code Scanners
Automotive Electronics
SMPS Post-Regulator/ DC to DC Modules
High Efficiency Linear Power Supplies
Pin Configuration
GROUND OUTPUT
INPUT
TO-220-5 Package
(MIC29371/29372BT/WT)
TO-220 Package
(MIC2937A-xxBT/WT)
General Description
The MIC2937A family are “bulletproof” efficient voltage regu-
lators with very low dropout voltage (typically 40mV at light
loads and 300mV at 500mA), and very low quiescent current
(160µA typical). The quiescent current of the MIC2937A in-
creases only slightly in dropout, thus prolonging battery life.
Key MIC2937A features include protection against reversed
battery, fold-back current limiting, and automotive “load dump”
protection (60V positive transient).
The MIC2937 is available in several configurations. The
MIC2937A-xx devices are three pin fixed voltage regulators
with 3.3V, 5V, and 12V outputs available. The MIC29371 is
a fixed regulator offering logic compatible ON/OFF switching
input and an error flag output. This flag may also be used as
a power-on reset signal. A logic-compatible shutdown input
is provided on the adjustable MIC29372, which enables the
regulator to be switched on and off.
TO-263 Package
(MIC2937A-xxBU/WU)
GROUND OUTPUT
INPUT
TO-263-5 Package
(MIC29371/29372BU/WU)
Five Lead Package Pin Functions:
MIC29371
MIC29372
1) Error
Adjust
2) Input
Shutdown
3) Ground
Ground
4) Output
Input
5) Shutdown Output
The TAB is Ground on the TO-220 and TO-263 packages.
MIC2937A/29371/29372
750mA Low-Dropout Voltage Regulator
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
2
1
3
1 2 3 4 5
2
1
3
1 2 3 4 5


Similar Part No. - MIC29371-3.3BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29371-3.3BU MICREL-MIC29371-3.3BU Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC29371-3.3BU MICREL-MIC29371-3.3BU Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
More results

Similar Description - MIC29371-3.3BU

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3975 MICREL-MIC3975_05 Datasheet
652Kb / 12P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
logo
Linear Technology
LT3030 LINER-LT3030 Datasheet
584Kb / 20P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
LT3030 LINER-LT3030_15 Datasheet
646Kb / 22P
   Dual 750mA/250mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com