Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBD330DWT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBD330DWT1
Description  Dual Schottky Barrier Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBD330DWT1 Datasheet(HTML) 1 Page - ON Semiconductor

  MBD330DWT1 Datasheet HTML 1Page - ON Semiconductor MBD330DWT1 Datasheet HTML 2Page - ON Semiconductor MBD330DWT1 Datasheet HTML 3Page - ON Semiconductor MBD330DWT1 Datasheet HTML 4Page - ON Semiconductor MBD330DWT1 Datasheet HTML 5Page - ON Semiconductor MBD330DWT1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 5
1
Publication Order Number:
MBD110DWT1/D
MBD110DWT1,
MBD330DWT1,
MBD770DWT1
Preferred Device
Dual Schottky Barrier
Diodes
Application circuit designs are moving toward the consolidation of
device count and into smaller packages. The new SOT−363 package is
a solution which simplifies circuit design, reduces device count, and
reduces board space by putting two discrete devices in one small
six−leaded package. The SOT−363 is ideal for low−power surface
mount applications where board space is at a premium, such as
portable products.
Surface Mount Comparisons:
SOT−363
SOT−23
Area (mm2)
4.6
7.6
Max Package PD (mW)
120
225
Device Count
2
1
Space Savings:
Package
1
 SOT−23
2
 SOT−23
SOT−363
40%
70%
The MBD110DW, MBD330DW, and MBD770DW devices are
spin−offs of our popular MMBD101LT1, MMBD301LT1, and
MMBD701LT1 SOT−23 devices. They are designed for
high−efficiency UHF and VHF detector applications. Readily
available to many other fast switching RF and digital applications.
Features
Extremely Low Minority Carrier Lifetime
Very Low Capacitance
Low Reverse Leakage
Pb−Free Packages are Available
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Reverse Voltage
MBD110DWT1
MBD330DWT1
MBD770DWT1
VR
7.0
30
70
V
Forward Power Dissipation TA = 25°C
PF
120
mW
Junction Temperature
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
SC−88 / SOT−363
CASE 419B
STYLE 6
MARKING DIAGRAM
Anode 1
6 Cathode
Cathode 3
4 Anode
N/C 2
5 N/C
xx M
G
G
xx
= Device Code
Refer to Ordering Table,
page 2
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
1
6
1
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MBD330DWT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBD330DWT1 MOTOROLA-MBD330DWT1 Datasheet
180Kb / 8P
   Dual Schottky Barrier Diodes
logo
Leshan Radio Company
MBD330DWT1 LRC-MBD330DWT1 Datasheet
244Kb / 5P
   Dual SCHOTTKY Barrier Diodes
logo
ON Semiconductor
MBD330DWT1 ONSEMI-MBD330DWT1 Datasheet
69Kb / 8P
   Dual Schottky Barrier Diodes
November, 2001 ??Rev.3
logo
E-Tech Electronics LTD
MBD330DWT1 ETL-MBD330DWT1 Datasheet
546Kb / 5P
   Dual SCHOTTKY Barrier Diodes
MBD330DWT1 ETL-MBD330DWT1 Datasheet
414Kb / 4P
   Dual SCHOTTKY Barrier Diodes
More results

Similar Description - MBD330DWT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBD54DWT1 ONSEMI-MBD54DWT1 Datasheet
51Kb / 4P
   Dual Schottky Barrier Diodes
February, 2005 ??Rev. 6
logo
Unisonic Technologies
BAT54A UTC-BAT54A_11 Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54ATB UTC-BAT54ATB Datasheet
182Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54AW UTC-BAT54AW Datasheet
165Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54DW UTC-BAT54DW Datasheet
150Kb / 2P
   SCHOTTKY BARRIER (DUAL) DIODES
BAT54SW UTC-BAT54SW Datasheet
164Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1G ONSEMI-MBD110DWT1G_07 Datasheet
155Kb / 6P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 6
MBD54DWT1G ONSEMI-MBD54DWT1G_09 Datasheet
135Kb / 4P
   Dual Schottky Barrier Diodes
October, 2009 ??Rev. 7
MBD110DWT1G ONSEMI-MBD110DWT1G_12 Datasheet
112Kb / 6P
   Dual Schottky Barrier Diodes
September, 2011 ??Rev. 7
logo
Unisonic Technologies
BAT54CTB UTC-BAT54CTB Datasheet
166Kb / 3P
   SCHOTTKY BARRIER (DUAL) DIODES
logo
ON Semiconductor
MBD110DWT1 ONSEMI-MBD110DWT1 Datasheet
69Kb / 8P
   Dual Schottky Barrier Diodes
November, 2001 ??Rev.3
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com