Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20H100CT Datasheet(PDF) 1 Page - ON Semiconductor

Part # MBR20H100CT
Description  SWITCHMODE Power Rectifier 100 V, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR20H100CT Datasheet(HTML) 1 Page - ON Semiconductor

  MBR20H100CT Datasheet HTML 1Page - ON Semiconductor MBR20H100CT Datasheet HTML 2Page - ON Semiconductor MBR20H100CT Datasheet HTML 3Page - ON Semiconductor MBR20H100CT Datasheet HTML 4Page - ON Semiconductor MBR20H100CT Datasheet HTML 5Page - ON Semiconductor MBR20H100CT Datasheet HTML 6Page - ON Semiconductor MBR20H100CT Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2007
March, 2007 − Rev. 4
1
Publication Order Number:
MBR20H100CT/D
MBR20H100CT,
MBRB20H100CT,
MBRF20H100CT
SWITCHMODE™
Power Rectifier
100 V, 20 A
Features and Benefits
Low Forward Voltage: 0.64 V @ 125°C
Low Power Loss/High Efficiency
High Surge Capacity
175°C Operating Junction Temperature
20 A Total (10 A Per Diode Leg)
Guard−Ring for Stress Protection
Pb−Free Packages are Available
Applications
Power Supply − Output Rectification
Power Management
Instrumentation
Mechanical Characteristics:
Case: Epoxy, Molded
Epoxy Meets UL 94 V−0 @ 0.125 in
Weight (Approximately):
1.9 Grams (TO−220)
1.7 Grams (D2PAK)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead Temperature for Soldering Purposes:
260°C Max. for 10 Seconds
MAXIMUM RATINGS
Please See the Table on the Following Page
TO−220AB
CASE 221A
STYLE 6
3
4
1
SCHOTTKY BARRIER
RECTIFIER
20 AMPERES, 100 VOLTS
1
3
2, 4
2
MARKING
DIAGRAMS
AYWW
B20H100G
A K A
A
= Assembly Location
Y
= Year
WW
= Work Week
B20H100 = Device Code
G= Pb−Free Device
AKA
= Polarity Designator
http://onsemi.com
ISOLATED TO−220
CASE 221D
STYLE 3
3
1
2
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
D2PAK
CASE 418B
STYLE 3
3
4
1
2
AY
WW
B20H100G
A K A
AYWW
B20H100G
A K A


Similar Part No. - MBR20H100CT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
MBR20H100CT VISHAY-MBR20H100CT Datasheet
707Kb / 6P
   Dual Common Cathode High Voltage Schottky Rectifier
Revision: 08-Nov-07
MBR20H100CT VISHAY-MBR20H100CT Datasheet
159Kb / 3P
   Dual High-Voltage Schottky Rectifiers
03-Sep-04
logo
Taiwan Semiconductor Co...
MBR20H100CT TSC-MBR20H100CT Datasheet
205Kb / 4P
   Dual Common Cathode Schottky Rectifier
MBR20H100CT TSC-MBR20H100CT Datasheet
444Kb / 2P
   20.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR20H100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR20L80CT ONSEMI-MBR20L80CT Datasheet
123Kb / 7P
   SWITCHMODE??Power Rectifier 80 V, 20 A
January, 2009 ??Rev. 1
MBR20L60CT ONSEMI-MBR20L60CT Datasheet
142Kb / 7P
   SWITCHMODE??Power Rectifier 60 V, 20 A
December, 2008 ??Rev. 0
MBRF20H150CTG ONSEMI-MBRF20H150CTG Datasheet
92Kb / 6P
   SWITCHMODE??Power Rectifier 150 V, 20 A
October, 2007 - Rev. 0
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR41H100CT ONSEMI-MBR41H100CT_07 Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
73Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
June, 2005 ??Rev. 0
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
65Kb / 6P
   SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com