Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR41H100CTG Datasheet(PDF) 7 Page - ON Semiconductor

Part # MBR41H100CTG
Description  SWITCHMODE Power Rectifier 100 V, 40 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR41H100CTG Datasheet(HTML) 7 Page - ON Semiconductor

  MBR41H100CTG Datasheet HTML 1Page - ON Semiconductor MBR41H100CTG Datasheet HTML 2Page - ON Semiconductor MBR41H100CTG Datasheet HTML 3Page - ON Semiconductor MBR41H100CTG Datasheet HTML 4Page - ON Semiconductor MBR41H100CTG Datasheet HTML 5Page - ON Semiconductor MBR41H100CTG Datasheet HTML 6Page - ON Semiconductor MBR41H100CTG Datasheet HTML 7Page - ON Semiconductor MBR41H100CTG Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MBR41H100CT, MBRB41H100CT, MBRB41H100CT−1
http://onsemi.com
7
PACKAGE DIMENSIONS
D2PAK 3
CASE 418B−04
ISSUE J
SEATING
PLANE
S
G
D
−T−
M
0.13 (0.005)
T
23
1
4
3 PL
K
J
H
V
E
C
A
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.340
0.380
8.64
9.65
B
0.380
0.405
9.65
10.29
C
0.160
0.190
4.06
4.83
D
0.020
0.035
0.51
0.89
E
0.045
0.055
1.14
1.40
G
0.100 BSC
2.54 BSC
H
0.080
0.110
2.03
2.79
J
0.018
0.025
0.46
0.64
K
0.090
0.110
2.29
2.79
S
0.575
0.625
14.60
15.88
V
0.045
0.055
1.14
1.40
−B−
M
B
W
W
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. 418B−01 THRU 418B−03 OBSOLETE,
NEW STANDARD 418B−04.
F
0.310
0.350
7.87
8.89
L
0.052
0.072
1.32
1.83
M
0.280
0.320
7.11
8.13
N
0.197 REF
5.00 REF
P
0.079 REF
2.00 REF
R
0.039 REF
0.99 REF
M
L
F
M
L
F
M
L
F
VARIABLE
CONFIGURATION
ZONE
R
N
P
U
VIEW W−W
VIEW W−W
VIEW W−W
12
3
STYLE 3:
PIN 1. ANODE
2. CATHODE
3. ANODE
4. CATHODE
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
8.38
0.33
1.016
0.04
17.02
0.67
10.66
0.42
3.05
0.12
5.08
0.20
mm
inches
SCALE 3:1


Similar Part No. - MBR41H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR41H100CTG ONSEMI-MBR41H100CTG Datasheet
64Kb / 6P
   SWITCHMODE Power Rectifier 100V, 40A
June, 2005 ??Rev. 1
MBR41H100CTG ONSEMI-MBR41H100CTG Datasheet
148Kb / 8P
   SWITCHMODE Power Rectifier
June, 2008 ??Rev. 6
MBR41H100CTG ONSEMI-MBR41H100CTG Datasheet
117Kb / 9P
   Switch-mode Power Rectifier
January, 2015 ??Rev. 9
More results

Similar Description - MBR41H100CTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
65Kb / 6P
   SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
MBR40L45CTG ONSEMI-MBR40L45CTG Datasheet
53Kb / 5P
   SWITCHMODE??Power Rectifier 45 V, 40 A
April, 2007 ??Rev. 0
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
MBR10H100CT ONSEMI-MBR10H100CT Datasheet
68Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 10 A
June, 2005 ??Rev. 0
MBR60H100CT ONSEMI-MBR60H100CT_06 Datasheet
62Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
July, 2006 ??Rev. 1
MBR20H100CT ONSEMI-MBR20H100CT Datasheet
130Kb / 7P
   SWITCHMODE Power Rectifier 100 V, 20 A
March, 2007 ??Rev. 4
MBR60H100CT ONSEMI-MBR60H100CT Datasheet
73Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 60 A
June, 2005 ??Rev. 0
MBR40250 ONSEMI-MBR40250_06 Datasheet
111Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR30H100CT ONSEMI-MBR30H100CT Datasheet
71Kb / 6P
   SWITCHMODE Power Rectifier 100 V, 30 A
July, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com