Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC558CZL1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # BC558CZL1G
Description  Amplifier Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC558CZL1G Datasheet(HTML) 5 Page - ON Semiconductor

  BC558CZL1G Datasheet HTML 1Page - ON Semiconductor BC558CZL1G Datasheet HTML 2Page - ON Semiconductor BC558CZL1G Datasheet HTML 3Page - ON Semiconductor BC558CZL1G Datasheet HTML 4Page - ON Semiconductor BC558CZL1G Datasheet HTML 5Page - ON Semiconductor BC558CZL1G Datasheet HTML 6Page - ON Semiconductor BC558CZL1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BC556B, BC557A, B, C, BC558B, C
http://onsemi.com
5
Figure 13. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0k
2.0k
5.0k
10
Figure 14. Active Region − Safe Operating Area
VCE, COLLECTOR−EMITTER VOLTAGE (V)
−200
−1.0
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
ZqJC(t) = (t) RqJC
RqJC = 83.3°C/W MAX
ZqJA(t) = r(t) RqJA
RqJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
−100
−50
−10
−5.0
−2.0
−5.0
−10
−30 −45 −65 −100
1 s
BC558
BC557
BC556
The safe operating area curves indicate IC−VCE limits of the
transistor that must be observed for reliable operation. Collector
load lines for specific circuits must fall below the limits indicated by
the applicable curve.
The data of Figure 14 is based upon TJ(pk) = 150°C; TC or TA is
variable depending upon conditions. Pulse curves are valid for
duty cycles to 10% provided TJ(pk) ≤ 150°C. TJ(pk) may be
calculated from the data in Figure 13. At high case or ambient
temperatures, thermal limitations will reduce the power than can
be handled to values less than the limitations imposed by second
breakdown.


Similar Part No. - BC558CZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC558CZL1 ONSEMI-BC558CZL1 Datasheet
107Kb / 8P
   Amplifier Transistors
June, 2000 ??Rev. 1
More results

Similar Description - BC558CZL1G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com