Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95640-MB6TP Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95640-MB6TP
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-MB6TP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95640-MB6TP Datasheet HTML 7Page - STMicroelectronics M95640-MB6TP Datasheet HTML 8Page - STMicroelectronics M95640-MB6TP Datasheet HTML 9Page - STMicroelectronics M95640-MB6TP Datasheet HTML 10Page - STMicroelectronics M95640-MB6TP Datasheet HTML 11Page - STMicroelectronics M95640-MB6TP Datasheet HTML 12Page - STMicroelectronics M95640-MB6TP Datasheet HTML 13Page - STMicroelectronics M95640-MB6TP Datasheet HTML 14Page - STMicroelectronics M95640-MB6TP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
M95320, M95640, M95320-x, M95640-x
Operating features
11/44
4
Operating features
4.1
Supply voltage (VCC)
4.1.1
Operating supply voltage VCC
Prior to selecting the memory and issuing instructions to it, a valid and stable VCC voltage
within the specified [VCC(min), VCC(max)] range must be applied (see Table 8.). In order to
secure a stable DC supply voltage, it is recommended to decouple the VCC line with a
suitable capacitor (usually of the order of 10nF to 100nF) close to the VCC/VSS package
pins.
This voltage must remain stable and valid until the end of the transmission of the instruction
and, for a Write instruction, until the completion of the internal write cycle (tW).
4.1.2
Power-up conditions
When the power supply is turned on, VCC rises from VSS to VCC. During this time, the Chip
Select (S) is not allowed to float but must follow the VCC voltage, therefore the S line should
be connected to VCC via a suitable pull-up resistor.
In addition, the Chip Select (S) input offers a built-in safety feature, as the S input is edge
sensitive as well as level sensitive: after Power-up, the device does not become selected
until a falling edge has first been detected on Chip Select (S). This ensures that Chip Select
(S) must have been High, prior to going Low to start the first operation.
The VCC rise time must not be faster than 1V/µs.
4.1.3
Internal device Reset
In order to prevent inadvertent Write operations during Power-up, a Power On Reset (POR)
circuit is included. At Power-up (continuous rise of VCC), the device will not respond to any
instruction until VCC has reached the Power On Reset threshold voltage (this threshold is
lower than the minimum VCC operating voltage defined in Tables XX).
When VCC has passed the POR threshold, the device is reset and in the following state:
Standby Power mode
deselected (at next Power-up, a falling edge is required on Chip Select (S) before any
instructions can be started).
not in the Hold Condition
Status Register state:
the Write Enable Latch (WEL) is reset to 0
Write In Progress (WIP) is reset to 0. The SRWD, BP1 and BP0 bits of the Status
Register are in the same state as when the power was last removed (they are non-
volatile bits).


Similar Part No. - M95640-MB6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95640-MB6TP STMICROELECTRONICS-M95640-MB6TP Datasheet
768Kb / 42P
   32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
More results

Similar Description - M95640-MB6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320 STMICROELECTRONICS-M95320_08 Datasheet
398Kb / 46P
   32 Kbit and 64 Kbit serial SPI bus EEPROMs with high-speed clock
M95320 STMICROELECTRONICS-M95320_09 Datasheet
388Kb / 44P
   32 Kbit serial SPI bus EEPROMs with high-speed clock
M95640-A125 STMICROELECTRONICS-M95640-A125 Datasheet
802Kb / 44P
   Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 9
M95320-A125 STMICROELECTRONICS-M95320-A125 Datasheet
792Kb / 43P
   Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
February 2016 Rev 8
M95256-A125 STMICROELECTRONICS-M95256-A125 Datasheet
798Kb / 44P
   Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95512-A125 STMICROELECTRONICS-M95512-A125 Datasheet
799Kb / 44P
   Automotive 512-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
   64-Kbit serial SPI bus EEPROM with high-speed clock
Rev 19 February 2016
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95080 STMICROELECTRONICS-M95080 Datasheet
164Kb / 19P
   64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
M95640 STMICROELECTRONICS-M95640 Datasheet
164Kb / 19P
   64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com