Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC548CZL1 Datasheet(PDF) 3 Page - ON Semiconductor

Part # BC548CZL1
Description  Amplifier Transistors NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC548CZL1 Datasheet(HTML) 3 Page - ON Semiconductor

  BC548CZL1 Datasheet HTML 1Page - ON Semiconductor BC548CZL1 Datasheet HTML 2Page - ON Semiconductor BC548CZL1 Datasheet HTML 3Page - ON Semiconductor BC548CZL1 Datasheet HTML 4Page - ON Semiconductor BC548CZL1 Datasheet HTML 5Page - ON Semiconductor BC548CZL1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC546B, BC547A, B, C, BC548B, C
http://onsemi.com
3
BC547/BC548
Figure 1. Normalized DC Current Gain
IC, COLLECTOR CURRENT (mAdc)
2.0
Figure 2. “Saturation” and “On” Voltages
IC, COLLECTOR CURRENT (mAdc)
0.2
0.5
1.0
10
20
50
0.2
100
Figure 3. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 4. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
2.0
5.0
200
0.6
0.7
0.8
0.9
1.0
0.5
0
0.2
0.4
0.1
0.3
1.6
1.2
2.0
2.8
2.4
1.2
1.6
2.0
0.02
1.0
10
0
20
0.1
0.4
0.8
1.5
1.0
0.8
0.6
0.4
0.3
0.2
0.5
1.0
10
20
50
2.0
100
70
30
7.0
5.0
3.0
0.7
0.3
0.1
0.2
1.0
10
100
TA = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 10 V
VCE = 10 V
TA = 25°C
−55°C to +125°C
TA = 25°C
IC = 50 mA
IC = 100 mA
IC = 200 mA
IC =
20 mA
IC =
10 mA
1.0
Figure 5. Capacitances
VR, REVERSE VOLTAGE (VOLTS)
10
Figure 6. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mAdc)
0.4 0.6
1.0
10
20
1.0
2.0
6.0
40
80
100
200
300
400
60
20
40
30
7.0
5.0
3.0
2.0
0.7 1.0
10
20
2.0
50
30
7.0
5.0
3.0
0.5
VCE = 10 V
TA = 25°C
0.8
4.0
8.0
TA = 25°C
Cob
Cib


Similar Part No. - BC548CZL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC548CZL1 ONSEMI-BC548CZL1 Datasheet
91Kb / 6P
   Amplifier Transistors
May, 2004 ??Rev. 4
BC548CZL1G ONSEMI-BC548CZL1G Datasheet
78Kb / 6P
   Amplifier Transistors
March, 2007 ??Rev. 6
BC548CZL1G ONSEMI-BC548CZL1G Datasheet
223Kb / 9P
   Amplifier Transistors NPN Silicon
August, 2021 - Rev. 8
More results

Similar Description - BC548CZL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com