Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS108G Datasheet(PDF) 1 Page - ON Semiconductor

Part # BS108G
Description  Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BS108G Datasheet(HTML) 1 Page - ON Semiconductor

  BS108G Datasheet HTML 1Page - ON Semiconductor BS108G Datasheet HTML 2Page - ON Semiconductor BS108G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
February, 2006 − Rev. 2
1
Publication Order Number:
BS108/D
BS108
Preferred Device
Small Signal MOSFET
250 mAmps, 200 Volts,
Logic Level
N−Channel TO−92
This MOSFET is designed for high voltage, high speed switching
applications such as line drivers, relay drivers, CMOS logic,
microprocessor or TTL to high voltage interface and high voltage
display drivers.
Features
Low Drive Requirement, VGS = 3.0 V max
Inherent Current Sharing Capability Permits Easy Paralleling of
many Devices
Pb−Free Packages are Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain −Source Voltage
VDSS
200
Vdc
Gate−Source Voltage
VGS
±20
Vdc
Drain Current
Continuous (Note 1)
Pulsed (Note 2)
ID
IDM
250
500
mAdc
Total Power Dissipation
@ TA = 25°C
Derate above TA = 25°C
PD
350
6.4
mW
mW/
°C
Operating and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
1. The Power Dissipation of the package may result in a lower continuous drain
current.
2. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
Device
Package
Shipping
ORDERING INFORMATION
BS108
TO−92
1000 Units/Box
BS108 = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
MARKING
DIAGRAM
D
G
N−Channel
S
250 mAMPS
200 VOLTS
RDS(on) = 8 W
BS108ZL1
TO−92
2000/Ammo Pack
Preferred devices are recommended choices for future use
and best overall value.
BS108G
TO−92
(Pb−Free)
1000 Units/Box
BS108ZL1G
TO−92
(Pb−Free)
2000/Ammo Pack
(Note: Microdot may be in either location)
http://onsemi.com
TO−92
CASE 29−11
STYLE 30
1
2
3
BS108
AYWW
G
G


Similar Part No. - BS108G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS108 MOTOROLA-BS108 Datasheet
58Kb / 4P
   200 VOLTS N-CHANNEL TMOS POWER FET LOGIC LEVEL
logo
NXP Semiconductors
BS108 PHILIPS-BS108 Datasheet
56Kb / 8P
   N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
General Semiconductor
BS108 GE-BS108 Datasheet
227Kb / 5P
   DMOS Transistors (N-Channel)
logo
ON Semiconductor
BS108ZL1G ONSEMI-BS108ZL1G Datasheet
97Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
April, 2011 ??Rev. 4
BS108 ONSEMI-BS108_11 Datasheet
97Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
April, 2011 ??Rev. 4
More results

Similar Description - BS108G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS108 ONSEMI-BS108_11 Datasheet
97Kb / 3P
   Small Signal MOSFET 250 mAmps, 200 Volts, Logic Level
April, 2011 ??Rev. 4
BS107 ONSEMI-BS107_07 Datasheet
71Kb / 4P
   Small Signal MOSFET 250 mAmps, 200 Volts
October, 2007 - Rev. 5
BS107 ONSEMI-BS107 Datasheet
52Kb / 8P
   Small Signal MOSFET 250 mAmps, 200 Volts
November, 2000 ??Rev. 2
BS107 ONSEMI-BS107_04 Datasheet
56Kb / 6P
   Small Signal MOSFET 250 mAmps, 200 Volts
December, 2004 ??Rev. 4
BS107A ONSEMI-BS107A Datasheet
99Kb / 4P
   Small Signal MOSFET 250 mAmps, 200 Volts N.Channel TO.92
April, 2011 ??Rev. 6
2N7000G ONSEMI-2N7000G Datasheet
92Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts
April, 2011 ??Rev. 8
VN2406L ONSEMI-VN2406L Datasheet
112Kb / 3P
   Small Signal MOSFET 200 mAmps, 240 Volts
August, 2006 ??Rev. 4
2N7000 ONSEMI-2N7000_07 Datasheet
57Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
logo
Leshan Radio Company
L2N7003LT1 LRC-L2N7003LT1 Datasheet
149Kb / 3P
   Small Signal MOSFET 115 mAmps, 60 Volts
logo
First Silicon Co., Ltd
FTK7002K FS-FTK7002K Datasheet
370Kb / 6P
   Small Signal MOSFET 380 mAmps, 60 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com