Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSP52T1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BSP52T1
Description  NPN Small?뭆ignal Darlington Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BSP52T1 Datasheet(HTML) 2 Page - ON Semiconductor

  BSP52T1_05 Datasheet HTML 1Page - ON Semiconductor BSP52T1_05 Datasheet HTML 2Page - ON Semiconductor BSP52T1_05 Datasheet HTML 3Page - ON Semiconductor BSP52T1_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BSP52T1, BSP52T3
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristics
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
90
Vdc
Emitter-Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector-Emitter Cutoff Current
(VCE = 80 Vdc, VBE = 0)
ICES
10
mAdc
Emitter-Base Cutoff Current
(VEB = 4.0 Vdc, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS (Note 3)
DC Current Gain
(IC = 150 mAdc, VCE = 10 Vdc)
(IC = 500 mAdc, VCE = 10 Vdc)
hFE
1000
2000
Collector-Emitter Saturation Voltage
(IC = 500 mAdc, IB = 0.5 mAdc)
VCE(sat)
1.3
Vdc
Base-Emitter Saturation Voltage
(IC = 500 mAdc, IB = 0.5 mAdc)
VBE(sat)
1.9
Vdc
3. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%


Similar Part No. - BSP52T1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSP52T1G ONSEMI-BSP52T1G Datasheet
90Kb / 3P
   NPN Small-Signal Darlington Transistor
September, 2010 ??Rev. 6
BSP52T1G ONSEMI-BSP52T1G Datasheet
96Kb / 4P
   NPN Small-Signal Darlington Transistor
January, 2012 ??Rev. 8
BSP52T1G ONSEMI-BSP52T1G Datasheet
180Kb / 6P
   NPN Small-Signal Darlington Transistor
May, 2019 ??Rev. 9
BSP52T1G ONSEMI-BSP52T1G_12 Datasheet
96Kb / 4P
   NPN Small-Signal Darlington Transistor
January, 2012 ??Rev. 8
BSP52T1G ONSEMI-BSP52T1G_V01 Datasheet
180Kb / 6P
   NPN Small-Signal Darlington Transistor
May, 2019 ??Rev. 9
More results

Similar Description - BSP52T1_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSP52T1G ONSEMI-BSP52T1G Datasheet
90Kb / 3P
   NPN Small-Signal Darlington Transistor
September, 2010 ??Rev. 6
BSP52T1G ONSEMI-BSP52T1G_V01 Datasheet
180Kb / 6P
   NPN Small-Signal Darlington Transistor
May, 2019 ??Rev. 9
BSP52T1G ONSEMI-BSP52T1G_12 Datasheet
96Kb / 4P
   NPN Small-Signal Darlington Transistor
January, 2012 ??Rev. 8
logo
Central Semiconductor C...
CP323 CENTRAL-CP323 Datasheet
215Kb / 2P
   Small Signal Transistor NPN - Darlington Transistor Chip
CP327V CENTRAL-CP327V Datasheet
653Kb / 2P
   Small Signal Transistor NPN - Silicon Darlington Transistor Chip
CP307 CENTRAL-CP307_10 Datasheet
402Kb / 2P
   Small Signal Transistor NPN - Silicon Darlington Transistor Chip
CP307 CENTRAL-CP307 Datasheet
212Kb / 2P
   Small Signal Transistor NPN - Silicon Darlington Transistor Chip
CP329V CENTRAL-CP329V Datasheet
42Kb / 1P
   Small Signal Transistor NPN- Silicon Darlington Transistor Chip
CP257 CENTRAL-CP257 Datasheet
216Kb / 2P
   Small Signal Transistor NPN - High Voltage Darlington Transistor Chip
logo
Rectron Semiconductor
CMBTA13 RECTRON-CMBTA13 Datasheet
70Kb / 2P
   NPN Small-Signal Darlington Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com