Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX810STR Datasheet(PDF) 4 Page - ON Semiconductor

Part # MAX810STR
Description  Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAX810STR Datasheet(HTML) 4 Page - ON Semiconductor

  MAX810STR Datasheet HTML 1Page - ON Semiconductor MAX810STR Datasheet HTML 2Page - ON Semiconductor MAX810STR Datasheet HTML 3Page - ON Semiconductor MAX810STR Datasheet HTML 4Page - ON Semiconductor MAX810STR Datasheet HTML 5Page - ON Semiconductor MAX810STR Datasheet HTML 6Page - ON Semiconductor MAX810STR Datasheet HTML 7Page - ON Semiconductor MAX810STR Datasheet HTML 8Page - ON Semiconductor MAX810STR Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MAX809 Series, MAX810 Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (continued) TA = −40°C to +105°C unless otherwise noted. Typical values are at
TA = +25°C. (Note 5)
Characteristic
Symbol
Min
Typ
Max
Unit
Detector Voltage Threshold Temperature Coefficient
30
ppm/
°C
VCC to Reset Delay VCC = VTH to (VTH − 100 mV)
10
msec
Reset Active TimeOut Period (Note 6)
MAX8xxSN(Q)293D1
MAX8xxSN(Q)293D2
MAX8xxSN(Q)293D3
MAX8xxSN(Q)293
tRP
1.0
20
100
140
3.3
66
330
460
msec
RESET Output Voltage Low (No Load) (MAX809)
VCC = VTH − 0.2 V
1.6 V
v VTH v 2.0 V, ISINK = 0.5 mA
2.1 V
v VTH v 4.0 V, ISINK = 1.2 mA
4.1 V
v VTH v 4.9 V, ISINK = 3.2 mA
VOL
0.3
V
RESET Output Voltage High (No Load) (MAX809)
VCC = VTH + 0.2 V
1.6 V
v VTH v 2.4 V, ISOURCE = 200 mA
2.5 V
v VTH v 4.9 V, ISOURCE = 500 mA
VOH
0.8 VCC
V
RESET Output Voltage High (No Load) (MAX810)
VCC = VTH + 0.2 V
1.6 V
v VTH v 2.4 V, ISOURCE = 200 mA
2.5 V
v VTH v 4.9 V, ISOURCE = 500 mA
VOH
0.8 VCC
V
RESET Output Voltage Low (No Load) (MAX810)
VCC = VTH − 0.2 V
1.6 V
v VTH v 2.0 V, ISINK = 0.5 mA
2.1 V
v VTH v 4.0 V, ISINK = 1.2 mA
4.1 V
v VTH v 4.9 V, ISINK = 3.2 mA
VOL
0.3
V
5. Production testing done at TA = 25°C, over temperature limits guaranteed by design.
6. Contact your ON Semiconductor sales representative for timeout options availability for other threshold voltage options.


Similar Part No. - MAX810STR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX810STR ONSEMI-MAX810STR Datasheet
90Kb / 12P
   3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
MAX810STR ONSEMI-MAX810STR Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX810STRG ONSEMI-MAX810STRG Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX810STRG ONSEMI-MAX810STRG Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX810STRG ONSEMI-MAX810STRG Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
More results

Similar Description - MAX810STR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803 ONSEMI-NCP803 Datasheet
55Kb / 8P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
May, 2003 - Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com