Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95320-MN6G Datasheet(PDF) 6 Page - STMicroelectronics

Part # M95320-MN6G
Description  32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-MN6G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M95320-MN6G Datasheet HTML 2Page - STMicroelectronics M95320-MN6G Datasheet HTML 3Page - STMicroelectronics M95320-MN6G Datasheet HTML 4Page - STMicroelectronics M95320-MN6G Datasheet HTML 5Page - STMicroelectronics M95320-MN6G Datasheet HTML 6Page - STMicroelectronics M95320-MN6G Datasheet HTML 7Page - STMicroelectronics M95320-MN6G Datasheet HTML 8Page - STMicroelectronics M95320-MN6G Datasheet HTML 9Page - STMicroelectronics M95320-MN6G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Summary description
M95320, M95640, M95320-x, M95640-x
6/44
1
Summary description
These electrically erasable programmable memory (EEPROM) devices are accessed by a
high speed SPI-compatible bus.
The M95320, M95320-W and M95320-R are 32Kbit devices organized as 4096 x 8 bits. The
M95640, M95640-W and M95640-R are 64Kbit devices organized as 8192 x 8 bits.
The device is accessed by a simple serial interface that is SPI-compatible. The bus signals
are C, D and Q, as shown in Table 1 and Figure 1.
The device is selected when Chip Select (S) is taken Low. Communications with the device
can be interrupted using Hold (HOLD).
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages.
ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic diagram
Figure 2.
8 pin package connections
1.
See Package mechanical section for package dimensions and how to identify pin-1.
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D
D
VSS
C
HOLD
Q
SVCC
W
AI01790D
M95xxx
1
2
3
4
8
7
6
5


Similar Part No. - M95320-MN6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320-MN6G STMICROELECTRONICS-M95320-MN6G Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
M95320-MN6G STMICROELECTRONICS-M95320-MN6G Datasheet
768Kb / 42P
   32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
M95320-MN6G/P STMICROELECTRONICS-M95320-MN6G/P Datasheet
388Kb / 44P
   32 Kbit serial SPI bus EEPROMs with high-speed clock
M95320-MN6G/PC STMICROELECTRONICS-M95320-MN6G/PC Datasheet
388Kb / 44P
   32 Kbit serial SPI bus EEPROMs with high-speed clock
More results

Similar Description - M95320-MN6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320 STMICROELECTRONICS-M95320_08 Datasheet
398Kb / 46P
   32 Kbit and 64 Kbit serial SPI bus EEPROMs with high-speed clock
M95320 STMICROELECTRONICS-M95320_09 Datasheet
388Kb / 44P
   32 Kbit serial SPI bus EEPROMs with high-speed clock
M95640-A125 STMICROELECTRONICS-M95640-A125 Datasheet
802Kb / 44P
   Automotive 64-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 9
M95320-A125 STMICROELECTRONICS-M95320-A125 Datasheet
792Kb / 43P
   Automotive 32-Kbit serial SPI bus EEPROMs with high-speed clock
February 2016 Rev 8
M95256-A125 STMICROELECTRONICS-M95256-A125 Datasheet
798Kb / 44P
   Automotive 256-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95512-A125 STMICROELECTRONICS-M95512-A125 Datasheet
799Kb / 44P
   Automotive 512-Kbit serial SPI bus EEPROMs with high-speed clock
January 2016 Rev 8
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
   64-Kbit serial SPI bus EEPROM with high-speed clock
Rev 19 February 2016
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95080 STMICROELECTRONICS-M95080 Datasheet
164Kb / 19P
   64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
M95640 STMICROELECTRONICS-M95640 Datasheet
164Kb / 19P
   64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com