Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS170RLRP Datasheet(PDF) 1 Page - ON Semiconductor

Part # BS170RLRP
Description  Small Signal MOSFET 500 mA, 60 Volts N?묬hannel TO??2 (TO??26)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BS170RLRP Datasheet(HTML) 1 Page - ON Semiconductor

  BS170RLRP Datasheet HTML 1Page - ON Semiconductor BS170RLRP Datasheet HTML 2Page - ON Semiconductor BS170RLRP Datasheet HTML 3Page - ON Semiconductor BS170RLRP Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 5
1
Publication Order Number:
BS170/D
BS170
Preferred Device
Small Signal MOSFET
500 mA, 60 Volts
N−Channel TO−92 (TO−226)
Features
Pb−Free Package is Available*
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Drain − Source Voltage
VDS
60
Vdc
Gate−Source Voltage
− Continuous
− Non−repetitive (tp ≤ 50 ms)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current (Note)
ID
0.5
Adc
Total Device Dissipation @ TA = 25°C
PD
350
mW
Operating and Storage Junction
Temperature Range
TJ, Tstg
− 55 to
+150
°C
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits are
exceeded, device functional operation is not implied, damage may occur and
reliability may be affected.
NOTE: The Power Dissipation of the package may result in a lower continuous
drain current.
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
BS170
AYWW
G
G
BS170
= Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
MARKING DIAGRAM
& PIN ASSIGNMENT
D
G
TO−92 (TO−226)
CASE 29
STYLE 30
N−Channel
S
1 2
3
1
Drain
3
Source
2
Gate
500 mA, 60 Volts
RDS(on) = 5.0 W
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com


Similar Part No. - BS170RLRP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170RLRP ONSEMI-BS170RLRP Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
More results

Similar Description - BS170RLRP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170G ONSEMI-BS170G Datasheet
98Kb / 4P
   Small Signal MOSFET 500 mA, 60 Volts
April, 2011 ??Rev. 6
2N7000 ONSEMI-2N7000_07 Datasheet
57Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
VN2410L ONSEMI-VN2410L Datasheet
120Kb / 3P
   Small Signal MOSFET 240 V, 200 mA, N?묬hannel TO??2
January, 2009 ??Rev. 5
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
2N7002E ONSEMI-2N7002E_V01 Datasheet
205Kb / 6P
   Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
2N7000 ONSEMI-2N7000 Datasheet
60Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N-Channel TO-92
November, 2000 ??Rev. 5
NTR5103N ONSEMI-NTR5103N Datasheet
109Kb / 5P
   N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com