Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS170ZL1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BS170ZL1G
Description  Small Signal MOSFET 500 mA, 60 Volts N?묬hannel TO??2 (TO??26)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BS170ZL1G Datasheet(HTML) 2 Page - ON Semiconductor

  BS170ZL1G Datasheet HTML 1Page - ON Semiconductor BS170ZL1G Datasheet HTML 2Page - ON Semiconductor BS170ZL1G Datasheet HTML 3Page - ON Semiconductor BS170ZL1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BS170
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Gate Reverse Current
(VGS = 15 Vdc, VDS = 0)
IGSS
0.01
10
nAdc
Drain−Source Breakdown Voltage
(VGS = 0, ID = 100 mAdc)
V(BR)DSS
60
90
Vdc
ON CHARACTERISTICS (Note 1)
Gate Threshold Voltage
(VDS = VGS, ID = 1.0 mAdc)
VGS(Th)
0.8
2.0
3.0
Vdc
Static Drain−Source On Resistance
(VGS = 10 Vdc, ID = 200 mAdc)
rDS(on)
1.8
5.0
W
Drain Cutoff Current
(VDS = 25 Vdc, VGS = 0 Vdc)
ID(off)
0.5
mA
Forward Transconductance
(VDS = 10 Vdc, ID = 250 mAdc)
gfs
200
mmhos
SMALL−SIGNAL CHARACTERISTICS
Input Capacitance
(VDS = 10 Vdc, VGS = 0, f = 1.0 MHz)
Ciss
60
pF
SWITCHING CHARACTERISTICS
Turn−On Time
(ID = 0.2 Adc) See Figure 1
ton
4.0
10
ns
Turn−Off Time
(ID = 0.2 Adc) See Figure 1
toff
4.0
10
ns
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
ORDERING INFORMATION
Device
Package
Shipping
BS170
TO−92 (TO−226)
1000 Unit/Tube
BS170G
TO−92 (TO−226)
(Pb−Free)
1000 Unit/Tube
BS170RLRA
TO−92 (TO−226)
2000 Tape & Reel
BS170RLRAG
TO−92 (TO−226)
(Pb−Free)
2000 Tape & Reel
BS170RLRM
TO−92 (TO−226)
2000 Tape & Reel
BS170RLRMG
TO−92 (TO−226)
(Pb−Free)
2000 Tape & Reel
BS170RLRP
TO−92 (TO−226)
2000 Tape & Reel
BS170RLRPG
TO−92 (TO−226)
(Pb−Free)
2000 Tape & Reel
BS170RL1
TO−92 (TO−226)
2000 Tape & Reel
BS170RL1G
TO−92 (TO−226)
(Pb−Free)
2000 Tape & Reel
BS170ZL1
TO−92 (TO−226)
2000 Tape & Reel
BS170ZL1G
TO−92 (TO−226)
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - BS170ZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170ZL1 ONSEMI-BS170ZL1 Datasheet
52Kb / 4P
   Small Signal MOSFET Small Signal MOSFET Small Signal MOSFET
April, 2004 ??Rev. 4
More results

Similar Description - BS170ZL1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BS170G ONSEMI-BS170G Datasheet
98Kb / 4P
   Small Signal MOSFET 500 mA, 60 Volts
April, 2011 ??Rev. 6
2N7000 ONSEMI-2N7000_07 Datasheet
57Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N?묬hannel TO??2 200 mAMPS 60 VOLTS
March, 2007 ??Rev. 6
VN2410L ONSEMI-VN2410L Datasheet
120Kb / 3P
   Small Signal MOSFET 240 V, 200 mA, N?묬hannel TO??2
January, 2009 ??Rev. 5
2N7002E ONSEMI-2N7002E Datasheet
104Kb / 5P
   Small Signal MOSFET 60 V, 310 mA, Single, N?묬hannel, SOT??3
April, 2007 ??Rev. 1
2N7002W ONSEMI-2N7002W Datasheet
107Kb / 5P
   Small Signal MOSFET 60 V, 340 mA, Single, N?묬hannel, SC??0
April, 2007 ??Rev. 2
2N7002K ONSEMI-2N7002K Datasheet
106Kb / 5P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
July, 2008 ??Rev. 4
2N7002KT3G ONSEMI-2N7002KT3G Datasheet
103Kb / 6P
   Small Signal MOSFET 60 V, 380 mA, Single, N?묬hannel, SOT??3
February, 2013 ??Rev. 11
2N7002E ONSEMI-2N7002E_V01 Datasheet
205Kb / 6P
   Small Signal MOSFET Single N?묬hannel, 60 V, 310 mA, 2.5 Ohm
June, 2019 ??Rev. 7
2N7000 ONSEMI-2N7000 Datasheet
60Kb / 4P
   Small Signal MOSFET 200 mAmps, 60 Volts N-Channel TO-92
November, 2000 ??Rev. 5
NTR5103N ONSEMI-NTR5103N Datasheet
109Kb / 5P
   N?묬hannel Small Signal MOSFET
March, 2014 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com