Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR0530T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR0530T1G
Description  Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR0530T1G Datasheet(HTML) 2 Page - ON Semiconductor

  MBR0530T1G Datasheet HTML 1Page - ON Semiconductor MBR0530T1G Datasheet HTML 2Page - ON Semiconductor MBR0530T1G Datasheet HTML 3Page - ON Semiconductor MBR0530T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR0530T1, MBR0530T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Resistance − Junction−to−Ambient (Note 1)
RqJA
206
°C/W
Thermal Resistance − Junction−to−Lead
RqJL
150
°C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 2)
(iF = 0.1 Amps, TJ = 25°C)
(iF = 0.5 Amps, TJ = 25°C)
vF
0.375
0.43
V
Maximum Instantaneous Reverse Current (Note 2)
(Rated DC Voltage, TC = 25°C)
(VR = 15 V, TC = 25°C)
IR
130
20
mA
1. 1 inch square pad size (1 x 0.5 inch for each lead) on FR4 board.
2. Pulse Test: Pulse Width = 300
ms, Duty Cycle ≤ 2%.
1
0.1
0.01
0.15
vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
0.2
0.25
0.3
0.35
0.4
0.45
0.5
0.55
104
1000
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current
5
1015
20
3035
40
25
100
10
1
0
TJ = 125°C
75°C
25°C
−40°C
75°C
25°C
180
160
20
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Capacitance
510
15
20
30
25
140
120
100
0
TYPICAL CAPACITANCE AT 0 V = 170 pF
40
60
80
TJ = 125°C


Similar Part No. - MBR0530T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0530T1G ONSEMI-MBR0530T1G Datasheet
107Kb / 4P
   Surface Mount Schottky Power Rectifier
September, 2013 ??Rev. 7
MBR0530T1G ONSEMI-MBR0530T1G Datasheet
65Kb / 4P
   Surface Mount Schottky Power Rectifier
December, 2014 ??Rev. 8
More results

Similar Description - MBR0530T1G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR160T1G LRC-LMBR160T1G Datasheet
256Kb / 3P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
logo
ON Semiconductor
MBR0520LT1 ONSEMI-MBR0520LT1 Datasheet
59Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
May, 2006 ??Rev. 5
logo
Leshan Radio Company
LMBR140T1G LRC-LMBR140T1G Datasheet
261Kb / 4P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
logo
ON Semiconductor
MBR130LSFT1 ONSEMI-MBR130LSFT1 Datasheet
58Kb / 6P
   Surface Mount Schottky Power Rectifier Plastic SOD??23 Package
January, 2005 ??Rev. 1
MBR0540T1 ONSEMI-MBR0540T1 Datasheet
97Kb / 6P
   Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
March, 2005 ??Rev. 5
MBR0540T1_0511 ONSEMI-MBR0540T1_0511 Datasheet
69Kb / 6P
   Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
November, 2005 ??Rev. 6
logo
List of Unclassifed Man...
SOT-23 ETC-SOT-23 Datasheet
171Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
Continental Device Indi...
SOT-23 CDIL-SOT-23 Datasheet
220Kb / 3P
   SOT-23 Surface Mount Plastic Package
logo
ON Semiconductor
MBRS1100T3 ONSEMI-MBRS1100T3_07 Datasheet
49Kb / 4P
   Schottky Power Rectifier Surface Mount Power Package
March, 2007 ??Rev. 9
logo
Motorola, Inc
MBRS1100T3 MOTOROLA-MBRS1100T3 Datasheet
77Kb / 4P
   Schottky Power Rectifier(Surface Mount Power Package)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com