Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM12-10002 Datasheet(PDF) 1 Page - Bi technologies

Part # HM12-10002
Description  Output Toroidal Inductors with Mounting Base
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BITECH [Bi technologies]
Direct Link  http://www.bitechnologies.com
Logo BITECH - Bi technologies

HM12-10002 Datasheet(HTML) 1 Page - Bi technologies

  HM12-10002 Datasheet HTML 1Page - Bi technologies HM12-10002 Datasheet HTML 2Page - Bi technologies HM12-10002 Datasheet HTML 3Page - Bi technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
6
6-51
Model HM12 Series
• High performance powdered iron cores for excellent energy storage characteristics
• Cost effective design
• Custom designs available
MODEL HM12 SERIES
Output Toroidal Inductors
with Mounting Base
ELECTRICAL / ENVIRONMENTAL
Insulation Resistance, Minimum
100 Megohms
Operating Temperature Range
-25°C to +105°C
Insulation System
Class B, 130°C
SCHEMATIC (FIGURE 1 & 2)
(1)
(2)
FEATURES
(3) Orientation Pin
APPLICATIONS
• Switching power supply
• Motor control circuit
• Differential EMI filter
• Output ripple current filter
Specifications subject to change without notice.


Similar Part No. - HM12-10002

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
HM12-1A69-02 MEDER-HM12-1A69-02 Datasheet
92Kb / 2P
   HM Reed Relay
HM12-1A69-02_DE MEDER-HM12-1A69-02_DE Datasheet
115Kb / 2P
   (deutsch) HM Reed Relay
HM12-1A69-03 MEDER-HM12-1A69-03 Datasheet
91Kb / 2P
   HM Reed Relay
HM12-1A69-03_DE MEDER-HM12-1A69-03_DE Datasheet
108Kb / 2P
   (deutsch) HM Reed Relay
HM12-1A69-04 MEDER-HM12-1A69-04 Datasheet
90Kb / 2P
   HM Reed Relay
More results

Similar Description - HM12-10002

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-50502NL PULSE-PE-50502NL Datasheet
65Kb / 1P
   TOROIDAL INDUCTORS
PE-51507NL PULSE-PE-51507NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
PE-51515NL PULSE-PE-51515NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
P589 PULSE-P589 Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS
logo
PCA ELECTRONICS INC.
EP9585-1 PCA-EP9585-1 Datasheet
23Kb / 1P
   Toroidal Power Inductors
logo
API Delevan
4445-01M API-4445-01M Datasheet
39Kb / 1P
   Radial Toroidal Inductors
2020-00K API-2020-00K Datasheet
190Kb / 1P
   Radial Toroidal Inductors
2020R API-2020R_10 Datasheet
1Mb / 1P
   Radial Toroidal Inductors
2727R API-2727R Datasheet
1Mb / 1P
   Radial Toroidal Inductors
4445R API-4445R_10 Datasheet
1Mb / 1P
   Radial Toroidal Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com