Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB3863 Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB3863
Description  DUAL REVERSIBLE MOTOR DRIVER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB3863 Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB3863_01 Datasheet HTML 1Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 2Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 3Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 4Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 5Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 6Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 7Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 8Page - Fujitsu Component Limited. MB3863_01 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MB3863
3
s
s
s
s ABSOLUTE MAXIMUM RATINGS
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
s RECOMMENDED OPERATING CONDITIONS
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Ratings
Unit
Min.
Max.
Supply Voltage
VCC
+38
V
Output Current
IO
550
mA
Maximum Output Current (within 5 ms)
IOmax
1.2
A
Allowable Loss
PD
1.6 (SOP-20)
W
Operating Temperature
TOP
–20
+75
°C
Storage Temperature
Tstg
–55
+150
°C
Parameter
Symbol
Ratings
Unit
Min.
Max.
Supply Voltage
VCC
+4
+36
V
Output Current
IO
0
500
mA
Input Voltage
High level
VIH
2.4
VCC +0.3
V
Low level
VIL
00.4
V


Similar Part No. - MB3863_01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3863 FUJITSU-MB3863 Datasheet
102Kb / 10P
   DUAL REVERSIBLE MOTOR DRIVER
More results

Similar Description - MB3863_01

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB3863 FUJITSU-MB3863 Datasheet
102Kb / 10P
   DUAL REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6285FS ROHM-BA6285FS Datasheet
155Kb / 9P
   Reversible motor driver
logo
Unisonic Technologies
BA6208 UTC-BA6208_15 Datasheet
192Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BA6951FS ROHM-BA6951FS Datasheet
303Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6289F-E2 ROHM-BA6289F-E2 Datasheet
119Kb / 9P
   Reversible motor driver
logo
Tiger Electronic Co.,Lt...
BA6208 TGS-BA6208 Datasheet
639Kb / 4P
   REVERSIBLE MOTOR DRIVER
logo
Rohm
BD6941FM ROHM-BD6941FM Datasheet
333Kb / 5P
   Reversible Motor Driver
BA6208F-E2 ROHM-BA6208F-E2 Datasheet
45Kb / 2P
   Reversible motor driver
BA6247 ROHM-BA6247 Datasheet
121Kb / 6P
   Reversible motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com