Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR40250TG Datasheet(PDF) 2 Page - ON Semiconductor

Part # MBR40250TG
Description  250 V, 40 A SWITCHMODE Schottky Power Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR40250TG Datasheet(HTML) 2 Page - ON Semiconductor

  MBR40250TG Datasheet HTML 1Page - ON Semiconductor MBR40250TG Datasheet HTML 2Page - ON Semiconductor MBR40250TG Datasheet HTML 3Page - ON Semiconductor MBR40250TG Datasheet HTML 4Page - ON Semiconductor MBR40250TG Datasheet HTML 5Page - ON Semiconductor MBR40250TG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBR40250, MBR40250T, MBRF40250T
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
250
V
Average Rectified Forward Current
(Rated VR) TC = 82°C MBR40250, MBR40250T
(Rated VR) TC = 46°C MBRF40250T
IF(AV)
40
A
Peak Repetitive Forward Current
(Rated VR, Square Wave, 20 kHz) TC = 82°C MBR40250, MBR40250T
(Rated VR, Square Wave, 20 kHz) TC = 46°C MBRF40250T
IFRM
80
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions halfwave, single phase, 20 kHz)
IFSM
150
A
Storage Temperature
Tstg
*65 to +175
°C
Operating Junction Temperature
TJ
*65 to +150
°C
Voltage Rate of Change (Rated VR)
dv/dt
10,000
V/ms
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Thermal Resistance
Junction−to−Case
MBR40250(T)
MBRF40250
Junction−to−Ambient
MBR40250(T)
MBRF40250
RqJC
RqJA
2.0
3.0
60
50
°C/W
ELECTRICAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Maximum Instantaneous Forward Voltage (Note 1)
IF = 20 A, TC = 25°C
IF = 20 A, TC = 125°C
IF = 40 A, TC = 25°C
IF = 40 A, TC = 125°C
VF
0.86
0.71
0.97
0.86
V
Maximum Instantaneous Reverse Current (Note 1)
Rated DC Voltage, TC = 25°C
Rated DC Voltage, TC = 125°C
IR
0.03
30
mA
Maximum Reverse Recovery Time
IF = 1.0 A, di/dt = 50 A/ms, TC = 25°C
trr
35
ns
DYNAMIC CHARACTERISTICS
Capacitance
VR = −5.0 V, TC = 25°C, Frequency = 1.0 MHz
CT
500
pF
1. Pulse Test: Pulse Width = 300 ms, Duty Cycle ≤ 2.0%.


Similar Part No. - MBR40250TG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR40250TG ONSEMI-MBR40250TG Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR40250TG ONSEMI-MBR40250TG Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBR40250TG ONSEMI-MBR40250TG Datasheet
86Kb / 7P
   Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 14
logo
Inchange Semiconductor ...
MBR40250TG ISC-MBR40250TG Datasheet
289Kb / 2P
   Ultra-fast Recovery Rectifier
More results

Similar Description - MBR40250TG

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR40250TG KERSEMI-MBR40250TG Datasheet
467Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
logo
ON Semiconductor
MBR40250 ONSEMI-MBR40250 Datasheet
48Kb / 6P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
November, 2004 ??Rev. P0
MBR40250 ONSEMI-MBR40250_11 Datasheet
117Kb / 7P
   250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10
MBR41H100CT ONSEMI-MBR41H100CT_07 Datasheet
81Kb / 8P
   SWITCHMODE Power Rectifier 100 V, 40 A
March, 2007 ??Rev. 4
MBR40L45CTG ONSEMI-MBR40L45CTG Datasheet
53Kb / 5P
   SWITCHMODE??Power Rectifier 45 V, 40 A
April, 2007 ??Rev. 0
MBR40L60CT ONSEMI-MBR40L60CT Datasheet
126Kb / 5P
   SWITCHMODE??Power Rectifier 60 V, 40 A
December, 2008 ??Rev. 0
MBR40H100WT ONSEMI-MBR40H100WT Datasheet
65Kb / 6P
   SWITCHMODE??Power Rectifier 100 V, 40 A
September, 2005 ??Rev. 0
MBR40250G ONSEMI-MBR40250G_15 Datasheet
107Kb / 7P
   Switch-mode Schottky Power Rectifier 250 V, 40 A
January, 2015 ??Rev. 13
MBR40H100WT ONSEMI-MBR40H100WT_06 Datasheet
109Kb / 6P
   SWITCHMODE Power Rectifier100 V, 40 A
August, 2006 ??Rev. 1
SBRD81035CTLT4G ONSEMI-SBRD81035CTLT4G Datasheet
120Kb / 6P
   SWITCHMODE Schottky Power Rectifier
November, 2012 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com