Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL15 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC10EL15
Description  5V ECL 1:4 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL15 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10EL15_05 Datasheet HTML 1Page - ON Semiconductor MC10EL15_05 Datasheet HTML 2Page - ON Semiconductor MC10EL15_05 Datasheet HTML 3Page - ON Semiconductor MC10EL15_05 Datasheet HTML 4Page - ON Semiconductor MC10EL15_05 Datasheet HTML 5Page - ON Semiconductor MC10EL15_05 Datasheet HTML 6Page - ON Semiconductor MC10EL15_05 Datasheet HTML 7Page - ON Semiconductor MC10EL15_05 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC10EL15, MC100EL15
http://onsemi.com
3
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient) 0 lfpm
500 lfpm
SO−16
SO−16
130
75
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SO−16
33 to 36
°C/W
Tsol
Wave Solder
Pb
Pb−Free
<2 to 3 sec @ 248°C
<2 to 3 sec @ 260°C
265
265
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
Table 5. 10EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0.0 V (Note 3)
−40°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
25
35
25
35
25
35
mA
VOH
Output HIGH Voltage (Note 4)
3920
4010
4110
4020
4105
4190
4090
4185
4280
mV
VOL
Output LOW Voltage (Note 4)
3050
3200
3350
3050
3210
3370
3050
3227
3405
mV
VIH
Input HIGH Voltage (Single−Ended)
3770
4110
3870
4190
3940
4280
mV
VIL
Input LOW Voltage (Single−Ended)
3050
3500
3050
3520
3050
3555
mV
VBB
Output Voltage Reference
3.57
3.7
3.65
3.75
3.69
3.81
V
VIHCMR
Input HIGH Voltage Common Mode
Range (Differential) (Note 5)
2.5
4.6
2.5
4.6
2.5
4.6
V
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.3
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.06 V / −0.5 V.
4. Outputs are terminated through a 50 W resistor to VCC − 2.0 V.
5. VIHCMR min varies 1:1 with VEE, VIHCMR max varies 1:1 with VCC. The VIHCMR range is referenced to the most positive side of the differential input
signal. Normal operation is obtained if the HIGH level falls within the specified range and the peak-to-peak voltage lies between VPPmin and 1 V.


Similar Part No. - MC10EL15_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL15DG ONSEMI-MC10EL15DG Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC10EL15DR2G ONSEMI-MC10EL15DR2G Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
More results

Similar Description - MC10EL15_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com