Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVCH16245ADGVRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # 74LVCH16245ADGVRE4
Description  16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74LVCH16245ADGVRE4 Datasheet(HTML) 4 Page - Texas Instruments

  74LVCH16245ADGVRE4 Datasheet HTML 1Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 2Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 3Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 4Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 5Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 6Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 7Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 8Page - Texas Instruments 74LVCH16245ADGVRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
www.ti.com
Recommended Operating Conditions
(1)
SN74LVCH16245A
16-BIT BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES495B – OCTOBER 2003 – REVISED AUGUST 2006
MIN
MAX
UNIT
Operating
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
5.5
V
High or low state
0
VCC
VO
Output voltage
V
3-state
0
5.5
VCC = 1.65 V
–4
VCC = 2.3 V
–8
IOH
High-level output current
mA
VCC = 2.7 V
–12
VCC = 3 V
–24
VCC = 1.65 V
4
VCC = 2.3 V
8
IOL
Low-level output current
mA
VCC = 2.7 V
12
VCC = 3 V
24
∆t/∆v
Input transition rise or fall rate
5
ns/V
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Submit Documentation Feedback


Similar Part No. - 74LVCH16245ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVCH16245ADGV NEXPERIA-74LVCH16245ADGV Datasheet
260Kb / 15P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74LVCH16245ADGV-Q100 NEXPERIA-74LVCH16245ADGV-Q100 Datasheet
248Kb / 14P
   16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
More results

Similar Description - 74LVCH16245ADGVRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVC16245 TI1-SN74LVC16245 Datasheet
161Kb / 9P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCHR16245A TI1-SN74LVCHR16245A_16 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Bus Transceiver With 3-State Outputs
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245-EP TI1-SN74ALVCH16245-EP Datasheet
292Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16245 TI-SN74ALVCH16245 Datasheet
465Kb / 17P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AVC16245 TI-SN74AVC16245 Datasheet
169Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CABT16245AMDLREP TI1-CABT16245AMDLREP Datasheet
548Kb / 11P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com