Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL15 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100EL15
Description  5V ECL 1:4 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL15 Datasheet(HTML) 6 Page - ON Semiconductor

  MC100EL15 Datasheet HTML 1Page - ON Semiconductor MC100EL15 Datasheet HTML 2Page - ON Semiconductor MC100EL15 Datasheet HTML 3Page - ON Semiconductor MC100EL15 Datasheet HTML 4Page - ON Semiconductor MC100EL15 Datasheet HTML 5Page - ON Semiconductor MC100EL15 Datasheet HTML 6Page - ON Semiconductor MC100EL15 Datasheet HTML 7Page - ON Semiconductor MC100EL15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC10EL15, MC100EL15
http://onsemi.com
6
Figure 2. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V
ORDERING INFORMATION
Device
Package
Shipping
MC10EL15D
SOIC−16
48 Units / Rail
MC10EL15DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC10EL15DR2
SOIC−16
2500 / Tape & Reel
MC10EL15DR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
MC100EL15D
SOIC−16
48 Units / Rail
MC100EL15DG
SOIC−16
(Pb−Free)
48 Units / Rail
MC100EL15DR2
SOIC−16
2500 / Tape & Reel
MC100EL15DR2G
SOIC−16
(Pb−Free)
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - MC100EL15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL15 ONSEMI-MC100EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
MC100EL15DG ONSEMI-MC100EL15DG Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100EL15DR2G ONSEMI-MC100EL15DR2G Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
More results

Similar Description - MC100EL15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com