Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL15 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL15
Description  5V ECL 1:4 Clock Distribution Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL15 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL15 Datasheet HTML 1Page - ON Semiconductor MC100EL15 Datasheet HTML 2Page - ON Semiconductor MC100EL15 Datasheet HTML 3Page - ON Semiconductor MC100EL15 Datasheet HTML 4Page - ON Semiconductor MC100EL15 Datasheet HTML 5Page - ON Semiconductor MC100EL15 Datasheet HTML 6Page - ON Semiconductor MC100EL15 Datasheet HTML 7Page - ON Semiconductor MC100EL15 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
August, 2005 − Rev. 5
Publication Order Number:
MC10EL15/D
1
MC10EL15, MC100EL15
5VECL 1:4 Clock
Distribution Chip
The MC10EL/100EL15 is a low skew 1:4 clock distribution chip
designed explicitly for low skew clock distribution applications. The
VBB pin, an internally generated voltage supply, is available to this device
only. For single-ended input conditions, the unused differential input is
connected to VBB as a switching reference voltage. VBB may also rebias
AC coupled inputs. When used, decouple VBB and VCC via a 0.01 mF
capacitor and limit current sourcing or sinking to 0.5 mA. When not used,
VBB should be left open.
The EL15 features a multiplexed clock input to allow for the
distribution of a lower speed scan or test clock along with the high
speed system clock. When LOW (or left open and pulled LOW by the
input pulldown resistor) the SEL pin will select the differential clock
input.
The common enable (EN) is synchronous so that the outputs will
only be enabled/disabled when they are already in the LOW state. This
avoids any chance of generating a runt clock pulse when the device is
enabled/disabled as can happen with an asynchronous control. The
internal flip flop is clocked on the falling edge of the input clock,
therefore all associated specification limits are referenced to the
negative edge of the clock input.
The 100 series contains temperature compensation.
Features
50 ps Output-to-Output Skew
Synchronous Enable/Disable
Multiplexed Clock Input
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on CLKs, SCLK, SEL, and EN.
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
SO−16
D SUFFIX
CASE 751B
1
16
MARKING DIAGRAMS*
10EL15G
AWLYWW
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW
= Work Week
G= Pb−Free Package
100EL15G
AWLYWW
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MC100EL15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL15 ONSEMI-MC100EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
MC100EL15DG ONSEMI-MC100EL15DG Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100EL15DR2G ONSEMI-MC100EL15DR2G Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
More results

Similar Description - MC100EL15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL14 ONSEMI-MC100EL14_06 Datasheet
122Kb / 8P
   5V ECL 1:5 Clock Distribution Chip
October, 2006 ??Rev. 7
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10EL15 ONSEMI-MC10EL15_16 Datasheet
163Kb / 8P
   5V ECL 1:4 Clock Distribution Chip
July, 2016 ??Rev. 7
MC100LVEL14 ONSEMI-MC100LVEL14_06 Datasheet
127Kb / 6P
   3.3V ECL 1:5 Clock Distribution Chip
November, 2006 ??Rev. 8
MC100LVEL14 ONSEMI-MC100LVEL14_16 Datasheet
158Kb / 7P
   3.3 V ECL 1:5 Clock Distribution Chip
July, 2016 ??Rev. 10
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
MC100EL39 ONSEMI-MC100EL39 Datasheet
120Kb / 7P
   5V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 6
logo
Micrel Semiconductor
SY100EL14V MICREL-SY100EL14V_14 Datasheet
333Kb / 7P
   5V/3.3V 1:5 Clock Distribution
SY100EL14V MICREL-SY100EL14V Datasheet
67Kb / 4P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
SY100EL14V MICREL-SY100EL14V_06 Datasheet
61Kb / 5P
   5V/3.3V 1:5 CLOCK DISTRIBUTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com