Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVTH241PWRE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74LVTH241PWRE4
Description  3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVTH241PWRE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74LVTH241PWRE4 Datasheet HTML 2Page - Texas Instruments SN74LVTH241PWRE4 Datasheet HTML 3Page - Texas Instruments SN74LVTH241PWRE4 Datasheet HTML 4Page - Texas Instruments SN74LVTH241PWRE4 Datasheet HTML 5Page - Texas Instruments SN74LVTH241PWRE4 Datasheet HTML 6Page - Texas Instruments SN74LVTH241PWRE4 Datasheet HTML 7Page - Texas Instruments SN74LVTH241PWRE4 Datasheet HTML 8Page - Texas Instruments SN74LVTH241PWRE4 Datasheet HTML 9Page - Texas Instruments SN74LVTH241PWRE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
SN54LVTH241, SN74LVTH241
3.3V ABT OCTAL BUFFERS/DRIVERS
WITH 3STATE OUTPUTS
SCAS352K − MARCH 1994 − REVISED OCTOBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1.5 V
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
Data Input
Timing Input
1.5 V
2.7 V
0 V
1.5 V
1.5 V
2.7 V
0 V
2.7 V
0 V
1.5 V
tw
Input
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
INVERTING AND NONINVERTING OUTPUTS
VOLTAGE WAVEFORMS
PULSE DURATION
tPLH
tPHL
tPHL
tPLH
VOH
VOH
VOL
VOL
1.5 V
1.5 V
2.7 V
0 V
1.5 V
1.5 V
Input
1.5 V
Output
Control
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
VOL
VOH
tPZL
tPZH
tPLZ
tPHZ
1.5 V
1.5 V
3 V
0 V
1.5 V
VOL + 0.3 V
1.5 V
VOH − 0.3 V
≈0 V
2.7 V
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
LOW- AND HIGH-LEVEL ENABLING
Output
Output
tPLH/tPHL
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time with one transition per measurement.
1.5 V
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LVTH241PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVTH241PWRE4 TI-SN74LVTH241PWRE4 Datasheet
310Kb / 12P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVTH241PWRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVTH244A TI-SN54LVTH244A Datasheet
691Kb / 20P
[Old version datasheet]   3.3 V ABT OCTAL BUFFERS / DRIVERS WITH 3 STATE OUTPUTS
SN54LVT240A TI-SN54LVT240A Datasheet
110Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI-SN54LVTH240 Datasheet
99Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH541 TI-SN54LVTH541 Datasheet
310Kb / 13P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI1-SN54LVTH540_16 Datasheet
885Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH244A TI-SN54LVTH244A_07 Datasheet
952Kb / 22P
[Old version datasheet]   3.3-v abt octal buffers/drivers with 3-state outputs
SN54LVTH543 TI1-SN54LVTH543_16 Datasheet
881Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH240 TI1-SN54LVTH240_16 Datasheet
1Mb / 24P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH241 TI1-SN54LVTH241_16 Datasheet
887Kb / 17P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LVTZ240 TI1-SN74LVTZ240 Datasheet
228Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54LVTH540 TI-SN54LVTH540 Datasheet
103Kb / 7P
[Old version datasheet]   3.3-V ABT OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com