Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL16D Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC10EL16D
Description  5.0 V ECL Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL16D Datasheet(HTML) 6 Page - ON Semiconductor

  MC10EL16D Datasheet HTML 1Page - ON Semiconductor MC10EL16D Datasheet HTML 2Page - ON Semiconductor MC10EL16D Datasheet HTML 3Page - ON Semiconductor MC10EL16D Datasheet HTML 4Page - ON Semiconductor MC10EL16D Datasheet HTML 5Page - ON Semiconductor MC10EL16D Datasheet HTML 6Page - ON Semiconductor MC10EL16D Datasheet HTML 7Page - ON Semiconductor MC10EL16D Datasheet HTML 8Page - ON Semiconductor MC10EL16D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10EL16, MC100EL16
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
MC10EL16D
SOIC−8
98 Units / Rail
MC10EL16DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EL16DR2
SOIC−8
2500 / Tape & Reel
MC10EL16DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EL16DT
TSSOP−8
98 Units / Rail
MC10EL16DTG
TSSOP−8
(Pb−Free)
98 Units / Rail
MC10EL16DTR2
TSSOP−8
2500 / Tape & Reel
MC10EL16DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EL16MNR4
DFN8
1000 / Tape & Reel
MC10EL16MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EL16D
SOIC−8
98 Units / Rail
MC100EL16DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EL16DR2
SOIC−8
2500 / Tape & Reel
MC100EL16DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EL16DT
TSSOP−8
98 Units / Rail
MC100EL16DTG
TSSOP−8
(Pb−Free)
98 Units / Rail
MC100EL16DTR2
TSSOP−8
2500 / Tape & Reel
MC100EL16DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EL16MNR4
DFN8
1000 / Tape & Reel
MC100EL16MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPS I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC10EL16D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL16D ONSEMI-MC10EL16D Datasheet
69Kb / 8P
   Differential Receiver
November, 2003 ??Rev. 5
MC10EL16D ONSEMI-MC10EL16D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC10EL16DG ONSEMI-MC10EL16DG Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC10EL16DR2 ONSEMI-MC10EL16DR2 Datasheet
69Kb / 8P
   Differential Receiver
November, 2003 ??Rev. 5
MC10EL16DR2G ONSEMI-MC10EL16DR2G Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
More results

Similar Description - MC10EL16D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL16 ONSEMI-MC10EL16_16 Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC10EP16VA ONSEMI-MC10EP16VA_16 Datasheet
195Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 11
MC10EP16 ONSEMI-MC10EP16_16 Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com