Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100E112FN Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC100E112FN
Description  5V ECL Quad Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E112FN Datasheet(HTML) 5 Page - ON Semiconductor

  MC100E112FN Datasheet HTML 1Page - ON Semiconductor MC100E112FN Datasheet HTML 2Page - ON Semiconductor MC100E112FN Datasheet HTML 3Page - ON Semiconductor MC100E112FN Datasheet HTML 4Page - ON Semiconductor MC100E112FN Datasheet HTML 5Page - ON Semiconductor MC100E112FN Datasheet HTML 6Page - ON Semiconductor MC100E112FN Datasheet HTML 7Page - ON Semiconductor MC100E112FN Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10E112, MC100E112
http://onsemi.com
5
Table 8. AC CHARACTERISTICS VCCx= 5.0 V; VEE= 0.0 V or VCCx= 0.0 V; VEE= −5.0 V (Note 9)
0°C
25°C
85°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Maximum Toggle Frequency
700
700
700
MHZ
tPLH
Propagation Delay to Output
ps
tPHL
D, EN
350
550
750
350
550
750
350
550
750
tSKEW
Within-Device Skew
ps
Dn to Qn, Qn (Note 10)
80
80
80
Qna to Qnb (Note 11)
40
40
40
tJITTER
Random Clock Jitter (RMS)
< 1
< 1
< 1
ps
tr
Rise/Fall Times
ps
tf
(20 - 80%)
275
425
700
275
425
700
275
425
700
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
9. 10 Series: VEE can vary −0.46 V / +0.06 V.
100 Series: VEE can vary −0.46 V / +0.8 V.
10.Within-device skew is defined as identical transitions on similar paths through a device.
11. Skew defined between common OR or common NOR outputs of a single gate.
Figure 3. Typical Termination for Output Driver and Device Evaluation
(See Application Note AND8020/D − Termination of ECL Logic Devices.)
Driver
Device
Receiver
Device
QD
Q
D
Zo = 50 W
Zo = 50 W
50 W
50 W
VTT
VTT = VCC − 2.0 V


Similar Part No. - MC100E112FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100E112 ONSEMI-MC100E112 Datasheet
99Kb / 4P
   QUAD DRIVER
1996 REV 2
More results

Similar Description - MC100E112FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP17 ONSEMI-MC10EP17_06 Datasheet
179Kb / 11P
   3.3V / 5V ECL Quad Differential Driver/Receiver
December, 2006 ??Rev. 7
MC10EP17 ONSEMI-MC10EP17 Datasheet
83Kb / 8P
   3.3V / 5V ECL Quad Differential Driver/Receiver
September, 2002 ??Rev. 4
MC100EL17 ONSEMI-MC100EL17_06 Datasheet
114Kb / 6P
   5V ECL Quad Differential Receiver
October, 2006 ??Rev. 6
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
MC10E404 ONSEMI-MC10E404_16 Datasheet
162Kb / 7P
   5V ECL Quad Differential AND/NAND
July, 2016 ??Rev. 9
MC10E112 ONSEMI-MC10E112_16 Datasheet
154Kb / 7P
   5V ECL Quad Driver
July, 2016 ??Rev. 9
MC10EP16 ONSEMI-MC10EP16_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL Differential Receiver/Driver
December, 2006 ??Rev. 5
MC10EP89 ONSEMI-MC10EP89_06 Datasheet
169Kb / 11P
   3.3V / 5V ECL Coaxial Cable Driver
January, 2006 ??Rev. 6
MC10EP17 ONSEMI-MC10EP17_16 Datasheet
200Kb / 11P
   ECL Quad Differential Driver/Receiver
July, 2016 ??Rev. 9
MC10E101 ONSEMI-MC10E101 Datasheet
69Kb / 8P
   5V ECL Quad 4짯Input OR/NOR Gate
November, 2003 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com