Electronic Components Datasheet Search |
|
MC100EL31 Datasheet(PDF) 3 Page - ON Semiconductor |
|
MC100EL31 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 9 page MC10EL31, MC100EL31 http://onsemi.com 3 Table 4. 10EL SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; VEE = 0 V (Note 1) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 27 32 27 32 27 32 mA VOH Output HIGH Voltage (Note 4) 3920 4010 4110 4020 4105 4190 4090 4185 4280 mV VOL Output LOW Voltage (Note 2) 3050 3200 3350 3050 3210 3370 3050 3227 3405 mV VIH Input HIGH Voltage 3770 4110 3870 4190 3940 4280 mV VIL Input LOW Voltage 3050 3500 3050 3520 3050 3555 mV IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.3 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 1. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / −0.5 V. 2. Outputs are terminated through a 50 ohm resistor to VCC−2 volts. Table 5. 10EL SERIES NECL DC CHARACTERISTICS VCC = 0 V; VEE = −5.0 V (Note 3) −40°C 25°C 85°C Symbol Characteristic Min Typ Max Min Typ Max Min Typ Max Unit IEE Power Supply Current 27 32 27 32 27 32 mA VOH Output HIGH Voltage (Note 4) −1080 −990 −890 −980 −895 −810 −910 −815 −720 mV VOL Output LOW Voltage (Note 4) −1950 −1800 −1650 −1950 −1790 −1630 −1950 −1773 −1595 mV VIH Input HIGH Voltage −1230 −890 −1130 −810 −1060 −720 mV VIL Input LOW Voltage −1950 −1500 −1950 −1480 −1950 −1445 mV IIH Input HIGH Current 150 150 150 mA IIL Input LOW Current 0.5 0.5 0.3 mA NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 3. Input and output parameters vary 1:1 with VCC. VEE can vary +0.25 V / −0.5 V. 4. Outputs are terminated through a 50 ohm resistor to VCC−2 volts. |
Similar Part No. - MC100EL31 |
|
Similar Description - MC100EL31 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |