Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC10EL16DR2G Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC10EL16DR2G
Description  5.0 V ECL Differential Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EL16DR2G Datasheet(HTML) 9 Page - ON Semiconductor

  MC10EL16DR2G Datasheet HTML 1Page - ON Semiconductor MC10EL16DR2G Datasheet HTML 2Page - ON Semiconductor MC10EL16DR2G Datasheet HTML 3Page - ON Semiconductor MC10EL16DR2G Datasheet HTML 4Page - ON Semiconductor MC10EL16DR2G Datasheet HTML 5Page - ON Semiconductor MC10EL16DR2G Datasheet HTML 6Page - ON Semiconductor MC10EL16DR2G Datasheet HTML 7Page - ON Semiconductor MC10EL16DR2G Datasheet HTML 8Page - ON Semiconductor MC10EL16DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MC10EL16, MC100EL16
http://onsemi.com
9
PACKAGE DIMENSIONS
DFN8
CASE 506AA−01
ISSUE D
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994 .
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2 X
REFERENCE
2 X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
(A3)
D2
E2
C
C
0.10
C
0.10
C
0.08
8 X
A1
SEATING
PLANE
e/2
e
8 X
K
NOTE 3
b
8 X
0.10 C
0.05 C
A BB
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.20
0.30
D
2.00 BSC
D2
1.10
1.30
E
2.00 BSC
E2
0.70
0.90
e
0.50 BSC
K
0.20
−−−
L
0.25
0.35
1
4
8
5
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5773−3850
MC10EL16/D
ECLinPS is a trademark of Semiconductor Components INdustries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - MC10EL16DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL16DR2G ONSEMI-MC10EL16DR2G Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
More results

Similar Description - MC10EL16DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL16 ONSEMI-MC10EL16_16 Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
logo
Texas Instruments
SN65EL16 TI1-SN65EL16 Datasheet
599Kb / 13P
[Old version datasheet]   5-V ECL Differential Receiver
logo
ON Semiconductor
MC100EL17 ONSEMI-MC100EL17_16 Datasheet
146Kb / 5P
   5V ECL Quad Differential Receiver
July, 2016 ??Rev. 8
MC100LVEL17 ONSEMI-MC100LVEL17_16 Datasheet
152Kb / 7P
   3.3 V ECL Quad Differential Receiver
July, 2016 ??Rev. 9
MC100EP16VT ONSEMI-MC100EP16VT_16 Datasheet
198Kb / 12P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 5
MC10EP16VA ONSEMI-MC10EP16VA_16 Datasheet
195Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 11
MC10EP16 ONSEMI-MC10EP16_16 Datasheet
194Kb / 11P
   ECL Differential Receiver/Driver
August, 2016 ??Rev. 7
MC100EP16VB ONSEMI-MC100EP16VB_16 Datasheet
169Kb / 8P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC100EP16VC ONSEMI-MC100EP16VC_16 Datasheet
187Kb / 10P
   3.3 V / 5 V ECL Differential Receiver/Driver
August, 2016 ??Rev. 8
MC10LVEP16 ONSEMI-MC10LVEP16_16 Datasheet
196Kb / 12P
   2.5V / 3.3V ECL Differential Receiver/Driver
August, 2016 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com