Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34160DWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC34160DWG
Description  100 mA, 5.0 V Voltage Regulator and Supervisory Circuit for Microprocessors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34160DWG Datasheet(HTML) 1 Page - ON Semiconductor

  MC34160DWG Datasheet HTML 1Page - ON Semiconductor MC34160DWG Datasheet HTML 2Page - ON Semiconductor MC34160DWG Datasheet HTML 3Page - ON Semiconductor MC34160DWG Datasheet HTML 4Page - ON Semiconductor MC34160DWG Datasheet HTML 5Page - ON Semiconductor MC34160DWG Datasheet HTML 6Page - ON Semiconductor MC34160DWG Datasheet HTML 7Page - ON Semiconductor MC34160DWG Datasheet HTML 8Page - ON Semiconductor MC34160DWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 5
1
Publication Order Number:
MC34160/D
MC34160, MC33160
100 mA, 5.0 V Voltage
Regulator and Supervisory
Circuit for Microprocessors
The MC34160 Series is a voltage regulator and supervisory circuit
containing many of the necessary monitoring functions required in
microprocessor based systems. It is specifically designed for
appliance and industrial applications, offering the designer a cost
effective
solution with minimal external components. These
integrated circuits feature a 5.0 V/100 mA regulator with short
circuit current limiting, pinned out 2.6 V bandgap reference, low
voltage reset comparator, power warning comparator with
programmable hysteresis, and an uncommitted comparator ideally
suited for microprocessor line synchronization.
Additional features include a chip disable input for low standby
current, and internal thermal shutdown for over temperature protection.
These devices are contained in a 16 pin dual−in−line heat tab
plastic package for improved thermal conduction.
Features
5.0 V Regulator Output Current in Excess of 100 mA
Internal Short Circuit Current Limiting
Pinned Out 2.6 V Reference
Low Voltage Reset Comparator
Power Warning Comparator with Programmable Hysteresis
Uncommitted Comparator
Low Standby Current
Internal Thermal Shutdown Protection
Heat Tab Power Package
Pb−Free Packages are Available*
Figure 1. Representative Block Diagram
VCC
14
Chip Disable
15
Power
Sense
Hysteresis
Adjust
Noninverting
Input
Inverting
Input
1
2
10
9
Regulator
Output
11
Reference
Output
Comparator
Output
Power
Warning
Reset
16
8
6
Thermal
Shutdown
2.6 V
Reference
0.913 R
0.01 R
R
IH
IH On/Off
GND
4, 5, 12, 13
+
+
+
+
+
+
+
7
This device contains 72 active transistors.
PDIP−16
P SUFFIX
CASE 648C
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
SOIC−16WB
DW SUFFIX
CASE 751G
1
PIN CONNECTIONS
(Top View)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
Comp. Inv. In
N.C.
GND
Comp. Out
Reset
Power Warning
Power Sense
Hyst. Adj.
Reg. Out
GND
VCC
Chip Disable
Vref
Comp. Noninv. In
*For additional information on our Pb−Free strategy
and soldering details, please download the
ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
1
See general marking information in the device marking
section on page 8 of this data sheet.
DEVICE MARKING INFORMATION


Similar Part No. - MC34160DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34160DW ONSEMI-MC34160DW Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
More results

Similar Description - MC34160DWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4949APDR2G ONSEMI-NCV4949APDR2G Datasheet
174Kb / 11P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
November, 2010 ??Rev. 1
NCV4949A ONSEMI-NCV4949A Datasheet
203Kb / 9P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Reset and Sense
June, 2010 -- Rev. 0
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
MC34160 ONSEMI-MC34160 Datasheet
188Kb / 8P
   MICROPROCESSOR VOLTAGE REGULATOR/ SUPERVISORY CIRCUIT
1996 REV 1
L4949 ONSEMI-L4949_06 Datasheet
116Kb / 10P
   100 mA, 5.0 V, Low Dropout Voltage Regulator with Power?뭀n Reset
June, 2006 ??Rev. 9
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com