Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33151D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC33151D
Description  High Speed Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33151D Datasheet(HTML) 2 Page - ON Semiconductor

  MC33151D Datasheet HTML 1Page - ON Semiconductor MC33151D Datasheet HTML 2Page - ON Semiconductor MC33151D Datasheet HTML 3Page - ON Semiconductor MC33151D Datasheet HTML 4Page - ON Semiconductor MC33151D Datasheet HTML 5Page - ON Semiconductor MC33151D Datasheet HTML 6Page - ON Semiconductor MC33151D Datasheet HTML 7Page - ON Semiconductor MC33151D Datasheet HTML 8Page - ON Semiconductor MC33151D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MC34151, MC33151
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
20
V
Logic Inputs (Note 1)
Vin
−0.3 to VCC
V
Drive Outputs (Note 2)
Totem Pole Sink or Source Current
Diode Clamp Current (Drive Output to VCC)
IO
IO(clamp)
1.5
1.0
A
Power Dissipation and Thermal Characteristics
D Suffix SOIC−8 Package Case 751
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance, Junction−to−Air
P Suffix 8−Pin Package Case 626
Maximum Power Dissipation @ TA = 50°C
Thermal Resistance, Junction−to−Air
PD
RqJA
PD
RqJA
0.56
180
1.0
100
W
°C/W
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature
MC34151
MC33151
MC33151V
TA
0 to +70
−40 to +85
−40 to +125
°C
Storage Temperature Range
Tstg
−65 to +150
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
ELECTRICAL CHARACTERISTICS (VCC = 12 V, for typical values TA = 25°C, for min/max values TA is the only operating
ambient temperature range that applies [Note 3], unless otherwise noted.)
Characteristics
Symbol
Min
Typ
Max
Unit
LOGIC INPUTS
Input Threshold Voltage −
Output Transition High to Low State
Output Transition Low to High State
VIH
VIL
0.8
1.75
1.58
2.6
V
Input Current − High State (VIH = 2.6 V)
Input Current − Low State (VIL = 0.8 V)
IIH
IIL
200
20
500
100
mA
DRIVE OUTPUT
Output Voltage − Low State (ISink = 10 mA)
Output Voltage − Low State (ISink = 50 mA)
Output Voltage − Low State (ISink = 400 mA)
Output Voltage − High State (ISource = 10 mA)
Output Voltage − High State (ISource = 50 mA)
Output Voltage − High State (ISource = 400 mA)
VOL
VOH
10.5
10.4
9.5
0.8
1.1
1.7
11.2
11.1
10.9
1.2
1.5
2.5
V
Output Pulldown Resistor
RPD
100
k
W
SWITCHING CHARACTERISTICS (TA = 25°C)
Propagation Delay (10% Input to 10% Output, CL = 1.0 nF)
Logic Input to Drive Output Rise
Logic Input to Drive Output Fall
tPLH(in/out)
tPHL(in/out)
35
36
100
100
ns
Drive Output Rise Time (10% to 90%) CL = 1.0 nF
Drive Output Rise Time (10% to 90%) CL = 2.5 nF
tr
14
31
30
ns
Drive Output Fall Time (90% to 10%) CL = 1.0 nF
Drive Output Fall Time (90% to 10%) CL = 2.5 nF
tf
16
32
30
ns
TOTAL DEVICE
Power Supply Current
Standby (Logic Inputs Grounded)
Operating (CL = 1.0 nF Drive Outputs 1 and 2, f = 100 kHz)
ICC
6.0
10.5
10
15
mA
Operating Voltage
VCC
6.5
18
V
1. For optimum switching speed, the maximum input voltage should be limited to 10 V or VCC, whichever is less.
2. Maximum package power dissipation limits must be observed.
3. Tlow =0°C for MC34151
Thigh = +70°C for MC34151
−40
°C for MC33151
+85
°C for MC33151


Similar Part No. - MC33151D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33151D ONSEMI-MC33151D Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC33151DG ONSEMI-MC33151DG Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC33151DR2 ONSEMI-MC33151DR2 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
MC33151DR2G ONSEMI-MC33151DR2G Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
More results

Similar Description - MC33151D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
MC34152 ONSEMI-MC34152_14 Datasheet
176Kb / 12P
   High Speed Dual MOSFET Drivers
September, 2014??Rev. 14
logo
Texas Instruments
TPS2811 TI1-TPS2811_15 Datasheet
1Mb / 40P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
MC34152PG ONSEMI-MC34152PG Datasheet
228Kb / 12P
   High Speed Dual MOSFET Drivers
November, 2011??Rev. 12
MC34151 ONSEMI-MC34151_13 Datasheet
252Kb / 12P
   High Speed Dual MOSFET Drivers
August, 2013 ??Rev. 9
MC34151 ONSEMI-MC34151 Datasheet
284Kb / 12P
   High Speed Dual MOSFET Drivers
April, 2000 ??Rev. 1
NCP4423 ONSEMI-NCP4423 Datasheet
90Kb / 12P
   3A Dual High-Speed MOSFET Drivers
October, 2000 ??Rev. 1
logo
Maxim Integrated Produc...
MAX4426 MAXIM-MAX4426_14 Datasheet
866Kb / 7P
   Dual High-Speed 1.5A MOSFET Drivers
Rev 2; 6/06
logo
Linear Technology
LTC1693 LINER-LTC1693 Datasheet
213Kb / 20P
   High Speed Single/Dual MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com