Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL31D Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC100EL31D
Description  5 V ECL D Flip-Flop With Set and Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL31D Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL31D Datasheet HTML 1Page - ON Semiconductor MC100EL31D Datasheet HTML 2Page - ON Semiconductor MC100EL31D Datasheet HTML 3Page - ON Semiconductor MC100EL31D Datasheet HTML 4Page - ON Semiconductor MC100EL31D Datasheet HTML 5Page - ON Semiconductor MC100EL31D Datasheet HTML 6Page - ON Semiconductor MC100EL31D Datasheet HTML 7Page - ON Semiconductor MC100EL31D Datasheet HTML 8Page - ON Semiconductor MC100EL31D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MC10EL31, MC100EL31
http://onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. Logic Diagram and Pinout Assignment
D
Q
CLK
R
D
S
R
S
D
L
H
X
X
X
Table 1. TRUTH TABLE
S*
L
L
H
L
H
R*
L
L
L
H
H
CLK
Z
Z
X
X
X
Q
L
H
H
L
Undef
Z = LOW to HIGH Transition
S
ECL Set Input
D
ECL Data Input
R
ECL Reset Input
CLK
ECL Clock Input
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
Table 2. PIN DESCRIPTION
FUNCTION
* Pins will default low when left open.
PIN
EP
Exposed pad must be connected to a
sufficient thermal conduit. Electrically
connect to the most negative supply
or leave floating open.
Table 3. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Unit
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
NECL Mode Input Voltage
VEE = 0 V
VCC = 0 V
VI  VCC
VI  VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
SOIC−8
SOIC−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SOIC−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
TSSOP−8
TSSOP−8
185
140
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−8
41 to 44 ± 5%
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 lfpm
500 lfpm
DFN8
DFN8
129
84
°C/W
°C/W
Tsol
Wave Solder
Pb
Pb−Free
<2 to 3 sec @ 248°C
<2 to 3 sec @ 260°C
265
265
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Similar Part No. - MC100EL31D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL31D ONSEMI-MC100EL31D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL31DG ONSEMI-MC100EL31DG Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
MC100EL31DR2G ONSEMI-MC100EL31DR2G Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
MC100EL31DTG ONSEMI-MC100EL31DTG Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
More results

Similar Description - MC100EL31D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_16 Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC100LVEL31 ONSEMI-MC100LVEL31_16 Datasheet
152Kb / 6P
   3.3 V ECL D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com