Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL31DR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EL31DR2G
Description  5 V ECL D Flip-Flop With Set and Reset
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL31DR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EL31DR2G Datasheet HTML 1Page - ON Semiconductor MC100EL31DR2G Datasheet HTML 2Page - ON Semiconductor MC100EL31DR2G Datasheet HTML 3Page - ON Semiconductor MC100EL31DR2G Datasheet HTML 4Page - ON Semiconductor MC100EL31DR2G Datasheet HTML 5Page - ON Semiconductor MC100EL31DR2G Datasheet HTML 6Page - ON Semiconductor MC100EL31DR2G Datasheet HTML 7Page - ON Semiconductor MC100EL31DR2G Datasheet HTML 8Page - ON Semiconductor MC100EL31DR2G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 5
1
Publication Order Number:
MC10EL31/D
MC10EL31, MC100EL31
5 VECL D Flip-Flop
With Set and Reset
The MC10EL/100EL31 is a D flip-flop with set and reset. The
device is functionally equivalent to the E131 device with higher
performance capabilities. With propagation delays and output
transition times significantly faster than the E131, the EL31 is ideally
suited for those applications which require the ultimate in AC
performance.
Both set and reset inputs are asynchronous, level triggered signals.
Data enters the master portion of the flip-flop when clock is LOW and
is transferred to the slave, and thus the outputs, upon a positive
transition of the clock.
The 100 Series contains temperature compensation.
Features
475 ps Propagation Delay
2.8 GHz Toggle Frequency
ESD Protection: > 1 kV Human Body Model,
> 100 V Machine Model
PECL Mode Operating Range: VCC = 4.2 V to 5.7 V
with VEE = 0 V
NECL Mode Operating Range: VCC = 0 V
with VEE = −4.2 V to −5.7 V
Internal Input Pulldown Resistors on D, CLK, S, and R
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
Moisture Sensitivity Level 1
For Additional Information, see Application Note AND8003/D
Flammability Rating: UL 94 V−0 @ 0.125 in,
Oxygen Index: 28 to 34
Metastability 125 ps (see Application Note AN1504)
Transistor Count = 79 devices
Pb−Free Packages are Available
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAMS*
KL31
ALYWG
G
SOIC−8
D SUFFIX
CASE 751
TSSOP−8
DT SUFFIX
CASE 948R
1
8
1
8
See detailed ordering and shipping information in the package
dimensions section on page 6 of this data sheet.
ORDERING INFORMATION
http://onsemi.com
DFN8
MN SUFFIX
CASE 506AA
14
14
HL31
ALYWG
G
1
8
(Note: Microdot may be in either location)
H = MC10
K = MC100
4T = MC10
2I = MC100
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
M = Date Code
G = Pb−Free Package
KEL31
ALYW
G
1
8
1
8
HEL31
ALYW
G
1
8


Similar Part No. - MC100EL31DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL31DR2G ONSEMI-MC100EL31DR2G Datasheet
147Kb / 8P
   5 V ECL D Flip.Flop With Set and Reset
July, 2016 ??Rev. 7
More results

Similar Description - MC100EL31DR2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ10EL31 ETC-AZ10EL31 Datasheet
140Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31_06 Datasheet
136Kb / 8P
   3.3V ECL D Flip-Flop with Set and Reset
December, 2006 ??Rev. 3
logo
Arizona Microtek, Inc
AZ10EL31 AZM-AZ10EL31 Datasheet
77Kb / 6P
   ECL/PECL D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31 Datasheet
72Kb / 8P
   D Flip Flop with Set and Reset
April, 2001 ??Rev. 5
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP31 ONSEMI-MC10EP31_16 Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
MC100LVEL31 ONSEMI-MC100LVEL31_16 Datasheet
152Kb / 6P
   3.3 V ECL D Flip?륡lop with Set and Reset
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com