Selected language     English  ▼


MC34167_05 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MC34167_05
Description  5.0 A, Step−Up/Down/Inverting Switching Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

 
 5 page
background image
MC34167, MC33167
http://onsemi.com
5
Figure 8. Switch Output Source Saturation
versus Source Current
Figure 9. Negative Switch Output Voltage
versus Temperature
Figure 10. Switch Output Current Limit
Threshold versus Temperature
Figure 11. Standby Supply Current
versus Supply Voltage
Figure 12. Undervoltage Lockout
Thresholds versus Temperature
Figure 13. Operating Supply Current
versus Supply Voltage
4.5
−55
TA, AMBIENT TEMPERATURE (°C)
−25
0
25
50
75
100
125
5.0
5.5
6.0
6.5
−2.5
ISource, SWITCH OUTPUT SOURCE CURRENT (A)
−2.0
−1.5
−1.0
−0.5
0
0
2.0
4.0
6.0
8.0
TA, AMBIENT TEMPERATURE (°C)
−55
−25
0
25
50
75
100
125
−3.0
−1.0
−0.8
−0.6
−0.4
−0.2
0
−1.2
VCC = 12 V
Pin 5 = 2.0 V
Pins 1, 3 = GND
Pin 2 Driven Negative
GND
5.6
6.0
6.4
6.8
7.2
−55
−25
0
25
50
75
100
125
VCC = 12 V
Pins 1, 2, 3 = GND
0
40
80
120
160
0
VCC, SUPPLY VOLTAGE (V)
10
20
30
40
Pin 4 = VCC
Pins 1, 3, 5 = GND
Pin 2 Open
TA = +25°C
4.0
0
0
VCC, SUPPLY VOLTAGE (V)
10
20
30
40
10
20
30
40
50
Pin 4 = VCC
Pins 1, 3 = GND
Pins 2, 5 Open
TA = +25°C
TA, AMBIENT TEMPERATURE (°C)
Startup Threshold
VCC Increasing
TA = +25°C
VCC
Isw = 10 mA
Isw = 100 mA
Turn−Off Threshold
VCC Decreasing




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC34163_053.4 A Step−Up/Down/Inverting Switching Regulators 1 2 3 4 5 MoreON Semiconductor
MC34166_053.0 A Step−Up/Down/Inverting Switching Regulators 1 2 3 4 5 MoreON Semiconductor
CS20011.2 A Switching Regulator and 5.0 V 100 mA Linear Regulator with RESET 1 2 3 4 5 MoreON Semiconductor
CS51121.4 A Switching Regulator with 5.0 V 100 mA Linear Regulator with Watchdog RESET and ENABLE 1 2 3 4 5 MoreON Semiconductor
CS5204-1_064.0 A Adjustable and 3.3 V and 5.0 V Fixed Linear Regulators 1 2 3 4 5 MoreON Semiconductor
MIC2172_05100kHz 1.25A Switching Regulators 1 2 3 4 5 MoreMicrel Semiconductor
CS8221Micropower 5.0 V 100 mA Low Dropout Linear Regulator 1 2 3 4 5 MoreON Semiconductor
PQ1CG2032FZTO-220 Type Chopper Regulators 1 2 3 4 5 MoreSharp Electrionic Components
LD1117ALOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
1N5333B_065 Watt Surmetic TM 40 Zener Voltage Regulators 1 2 3 4 5 MoreON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl